Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1104A Datasheet (PDF) - Hynix Semiconductor

HMS87C1104A Datasheet PDF - Hynix Semiconductor
Part # HMS87C1104A
Download  HMS87C1104A Download
File Size   1444.25 Kbytes
Page   88 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS87C1104A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMS87C1104A Datasheet PDF - Hynix Semiconductor

Part # HMS87C1104A
Download  HMS87C1104A Click to download

File Size   1444.25 Kbytes
Page   88 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS87C1104A Datasheet (HTML) - Hynix Semiconductor


HMS87C1104A Product details

Description
The HMS87C1X0XA is an advanced CMOS 8-bit microcontroller with 4K/2K bytes of EPROM. The Hynix HMS87C1X0XA is a powerful microcontroller which provide a highly flexible and cost effective solution to many small applications such as controller for battery charger. The HMS87C1X0XA provides the following standard features: 4K/2K bytes of EPROM, 128bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit high speed PWM output, programmable buzzer driving port, power-on reset circuit, on-chip oscillator and clock circuitry. In addition, the HMS87C1X0XA supports power saving modes to reduce power consumption.

Features
• 4K/2K Bytes On-chip Program Memory
• 128 Bytes of On-chip Data RAM (Included stack memory)
• Instruction Cycle Time:
  - 250nS at 8MHz
• Programmable I/O pins (LED direct driving can be source and sink)
  - HMS87C1304A/1302A : 19
  - HMS87C1204A/1202A : 15
  - HMS87C1104A/1102A : 11
• 2.0V to 5.5V Wide Operating Range
• 8-bit A/D Converter
  - 8 channels
• One 8-bit Basic Interval Timer
• Two 8-bit Timer / Counters
• One 10-bit High Speed PWM Outputs
• Watchdog timer
• Seven Interrupt sources
  - External input: 2 ( 1 for HMS87C1104/2A )
  - A/D Conversion: 1
  - Timer: 4
• One Programmable Buzzer Driving port ( except HMS87C1104/2A )
  - 500Hz ~ 130kHz




Similar Part No. - HMS87C1104A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1302A HYNIX-HMS87C1302A Datasheet
977Kb / 70P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1302AD HYNIX-HMS87C1302AD Datasheet
977Kb / 70P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304A HYNIX-HMS87C1304A Datasheet
977Kb / 70P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304AD HYNIX-HMS87C1304AD Datasheet
977Kb / 70P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
HMS87C1404B ETC1-HMS87C1404B Datasheet
1Mb / 99P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - HMS87C1104A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com