Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY5DV641622AT Datasheet (PDF) - Hynix Semiconductor

HY5DV641622AT Datasheet PDF - Hynix Semiconductor
Part # HY5DV641622AT
Download  HY5DV641622AT Download
File Size   276.42 Kbytes
Page   27 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 64M(4Mx16) DDR SDRAM

HY5DV641622AT Datasheet (PDF)

Go To PDF Page Download Datasheet
HY5DV641622AT Datasheet PDF - Hynix Semiconductor

Part # HY5DV641622AT
Download  HY5DV641622AT Click to download

File Size   276.42 Kbytes
Page   27 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 64M(4Mx16) DDR SDRAM

HY5DV641622AT Datasheet (HTML) - Hynix Semiconductor


HY5DV641622AT Product details

DESCRIPTION

The Hynix HY5DV641622 is a 67,108,864-bit CMOS Double Data Rate(DDR) Synchronous DRAM, ideally suited for the point-to-point applications which requires high bandwidth.



FEATURES

•3.3V for VDDand 2.5V for VDDQpower supply

• All inputs and outputs are compatible with SSTL_2 interface

• JEDEC standard 400mil 66pin TSOP-II with 0.65mm pin pitch

• Fully differential clock inputs (CK, /CK) operation

• Double data rate interface

• Source synchronous - data transaction aligned to bidirectional data strobe (DQS)

• x16 device has 2 bytewide data strobes (LDQS, UDQS) per each x8 I/O

• Data outputs on DQS edges when read (edged DQ) Data inputs on DQS centers when write (centered DQ)

• Data(DQ) and Write masks(DM) latched on the both rising and falling edges of the data strobe

• All addresses and control inputs except Data, Data strobes and Data masks latched on the rising edges of the clock

• Write mask byte controls by LDM and UDM

• Programmable /CAS Latency 3 / 4 supported

• Programmable Burst Length 2 / 4 / 8 with both sequential and interleave mode

• Internal 4 bank operations with single pulsed /RAS

• tRAS Lock-Out function supported

• Auto refresh and self refresh supported

• 4096 refresh cycles / 64ms

• Full, Half and Matched Impedance(Weak) strength driver option controlled by EMRS




Similar Part No. - HY5DV641622AT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DV281622DT HYNIX-HY5DV281622DT Datasheet
291Kb / 31P
128M(8Mx16) GDDR SDRAM
HY5DV281622DT-33 HYNIX-HY5DV281622DT-33 Datasheet
291Kb / 31P
128M(8Mx16) GDDR SDRAM
HY5DV281622DT-36 HYNIX-HY5DV281622DT-36 Datasheet
291Kb / 31P
128M(8Mx16) GDDR SDRAM
HY5DV281622DT-4 HYNIX-HY5DV281622DT-4 Datasheet
291Kb / 31P
128M(8Mx16) GDDR SDRAM
HY5DV281622DT-5 HYNIX-HY5DV281622DT-5 Datasheet
291Kb / 31P
128M(8Mx16) GDDR SDRAM
More results


Similar Description - HY5DV641622AT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K3S7V2000M-TC SAMSUNG-K3S7V2000M-TC Datasheet
1Mb / 27P
64M-Bit (4Mx16 /2Mx32) Synchronous MASKROM
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
Elpida Memory
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-E ELPIDA-EDD2504AKTA-E Datasheet
555Kb / 49P
256M bits DDR SDRAM (64M words x 4 bits)
logo
FIDELIX
CMS6416LAX-15EX FIDELIX-CMS6416LAX-15EX Datasheet
1Mb / 46P
64M(4Mx16) Low Power SDRAM
CMS6416LAX-75XX FIDELIX-CMS6416LAX-75XX Datasheet
1Mb / 46P
64M(4Mx16) Low Power SDRAM
logo
Elpida Memory
EDS6416AJTA ELPIDA-EDS6416AJTA Datasheet
629Kb / 49P
64M bits SDRAM
EDS6416GHTA ELPIDA-EDS6416GHTA Datasheet
629Kb / 49P
64M bits SDRAM
logo
Etron Technology, Inc.
EM6AB080TSB-4G ETRON-EM6AB080TSB-4G Datasheet
563Kb / 62P
64M x 8 bit DDR Synchronous DRAM (SDRAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com