Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1890Y Datasheet (PDF) - Integrated Circuit Systems

ICS1890Y Datasheet PDF - Integrated Circuit Systems
Part # ICS1890Y
Download  ICS1890Y Download
File Size   1749.16 Kbytes
Page   24 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 10Base-T/100Base-TX Integrated PHYceiver-TM

ICS1890Y Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1890Y Datasheet PDF - Integrated Circuit Systems

Part # ICS1890Y
Download  ICS1890Y Click to download

File Size   1749.16 Kbytes
Page   24 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 10Base-T/100Base-TX Integrated PHYceiver-TM

ICS1890Y Datasheet (HTML) - Integrated Circuit Systems


ICS1890Y Product details

General Description
The ICS1890 is a fully integrated physical layer device supporting 10 and 100Mb/s CSMA/CD Ethernet applications. DTE (adapter cards or motherboards), switching hub, repeater and router applications are fully supported. The ICS1890 is compliant with the ISO/IEC 8802-3 Ethernet standard for 10 and 100Mb/s operation. A Media Independent Interface allowing direct chip-to-chip connection, motherboard-todaughterboard connection or connection via an AUI-like cable is provided. A station management interface is provided to enable command information and status information exchange. The ICS1890 interfaces directly to transmit and receive isolation transformers and can support shielded twisted pair (STP) and unshielded twisted pair (UTP) category 5 cables up to 105 meters. Operation in half duplex or full duplex modes at either 10 or 100 Mbps speeds is possible with control by Auto-Negotiation or manual selection. By employing Auto-Negotiation the technology capabilities of the remote link partner may be determined and operation automatically adjusted to the highest performance common operating mode.

Features
 • One chip integrated physical layer
 • All CMOS, Low power design (<200mA max)
 • Small footprint 64-pin 14mm 2 QFP package
 • ISO/IEC 8802-3 CSMA/CD compliant
 • Media Independent Interface (MII)
 • Alternate 100M stream and 10M 7-wire serial interfaces provided
 • 10Base-TX Half & Full Duplex
 • 100Base-TX Half & Full Duplex
 • Fully integrated TP-PMD including Stream Cipher Scrambler, MLT-3 encoder, Adaptive Equalization, and Baseline Wander Correction Circuitry




Similar Part No. - ICS1890Y

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1890Y ICST-ICS1890Y Datasheet
711Kb / 42P
Auto-Negotiation Advertisement Register (register 4 [0x04])
RevG 10/21/97
ICS1890Y-14 ICST-ICS1890Y-14 Datasheet
711Kb / 42P
Auto-Negotiation Advertisement Register (register 4 [0x04])
RevG 10/21/97
More results


Similar Description - ICS1890Y

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
10Base-T/100Base-TX Integrated PHYceiver
Rev.
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893AG ICST-ICS1893AG Datasheet
1Mb / 135P
3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Rev. A 04/14/05
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com