Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2509C Datasheet (PDF) - Integrated Circuit Systems

ICS2509C Datasheet PDF - Integrated Circuit Systems
Part # ICS2509C
Download  ICS2509C Download
File Size   248.21 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3V Phase-Lock Loop Clock Driver

ICS2509C Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS2509C Datasheet PDF - Integrated Circuit Systems

Part # ICS2509C
Download  ICS2509C Click to download

File Size   248.21 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3V Phase-Lock Loop Clock Driver

ICS2509C Datasheet (HTML) - Integrated Circuit Systems


ICS2509C Product details

General Description
The ICS2509C is a high performance, low skew, low jitter clock driver. It uses a phase lock loop (PLL) technology to align, in both phase and frequency, the CLKIN signal with the CLKOUT signal. It is specifically designed for use with synchronous SDRAMs. The ICS2509C operates at 3.3V VCC and drives up to nine clock loads.

Features
• Meets or exceeds PC133 registered DIMM specification 1.1
• Spread Spectrum Clock Compatible
• Distributes one clock input to one bank of five and one bank of four outputs
• Separate output enable(OEA,OEB) for each output bank
• Operating frequency 25 MHz to 175 Mhz
• External feedback input (FBIN) terminal is used to synchrionize the outputs to the clock input
• No external RC network required
• Operates at 3.3V Vcc
• Plastic 24-pin 173mil TSSOP package




Similar Part No. - ICS2509C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
Distributes one clock input to one bank of ten outputs
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
3.3V Phase-Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS2510CG-T ICST-ICS2510CG-T Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
More results


Similar Description - ICS2509C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
3.3V Phase-Lock Loop Clock Driver
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
3.3V Phase- Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
3.3V Phase-Lock Loop Clock Driver
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
3.3V Phase-Lock Loop Clock Driver
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com