Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS670-01 Datasheet (PDF) - Integrated Circuit Systems

ICS670-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS670-01
Download  ICS670-01 Download
File Size   84.21 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Phase Noise Zero Delay Buffer and Multiplier

ICS670-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS670-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS670-01
Download  ICS670-01 Click to download

File Size   84.21 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Phase Noise Zero Delay Buffer and Multiplier

ICS670-01 Datasheet (HTML) - Integrated Circuit Systems


ICS670-01 Product details

Description
The ICS670-01 is a high speed, low phase noise  Zero Delay Buffer (ZDB) which integrates ICS’  proprietary analog/digital Phase Locked Loop  (PLL) techniques.  Part of ICS’ ClockBlocks™ family, the zero delay feature means that the rising  edge of the input clock aligns with the rising edges  of the outputs, giving the appearance of no delay  through the device. There are two identical outputs on the chip.  The FBCLK should be used to  connect to the FBIN. Each output has its own  output enable pin.

Features
• Packaged in 16 pin SOIC
• Clock inputs from 5 to 160 MHz (see page 2)
• Patented PLL with the lowest phase noise
• Output clocks up to 160 MHz at 3.3 V
• 15 selectable on-chip multipliers
• Power down mode available
• Low phase noise: -124 dBc/Hz at 10 kHz
• Output Enable function tri-states outputs
• Low jitter 15 ps one sigma
• Full swing CMOS outputs with 25 mA drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• Industrial temperature version available
• 3.3 V or 5 V operation




Similar Part No. - ICS670-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS670-01 ETC2-ICS670-01 Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
Packaged in 16-pin SOIC
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
More results


Similar Description - ICS670-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com