Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120-46 Datasheet (PDF) - Integrated Circuit Systems

ICS9120-46 Datasheet PDF - Integrated Circuit Systems
Part # ICS9120-46
Download  ICS9120-46 Download
File Size   122.27 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Modem and Audio Clock Generator

ICS9120-46 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9120-46 Datasheet PDF - Integrated Circuit Systems

Part # ICS9120-46
Download  ICS9120-46 Click to download

File Size   122.27 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Modem and Audio Clock Generator

ICS9120-46 Datasheet (HTML) - Integrated Circuit Systems


ICS9120-46 Product details

General Description
The ICS9120-46 is a high performance frequency generator designed to support the clock requirements of communication and audio interfaces. It offers the clock frequencies required by 28.8 baud modem plus sound system. These frequencies are synthesized from 14.7456 MHz reference oscillator whose buffered output is available for the reference.

Features
• Generates 49.92 MHz, 40.32 MHz and 14.7456 MHz
• Single 14.7456 MHz crystal reference
• 49.92 MHz accuracy tracks 40.32 MHz reference
• 80ps one sigma jitter maintains 16-bit performance
• Output rise/fall times less than 1.5ns
• On-chip loop filter components
• 3.0-5.5V supply range
• 8-pin, 150-mil SOIC package

Applications
• Specifically designed to support the high performance requirements of communication and audio interfaces.




Similar Part No. - ICS9120-46

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
Low-Cost 8-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
Modem and Audio Clock Generator
Rev B 071696
ICS9120-48 ICST-ICS9120-48 Datasheet
189Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A110196
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
More results


Similar Description - ICS9120-46

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
Modem and Audio Clock Generator
Rev B 071696
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
Audio Subsystem Clock Generator
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
Multi Clock Generator for Audio
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
Audio Clock Generator
logo
Gennum Corporation
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
Integrated audio clock generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com