Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120-52 Datasheet (PDF) - Integrated Circuit Systems

ICS9120-52 Datasheet PDF - Integrated Circuit Systems
Part # ICS9120-52
Download  ICS9120-52 Download
File Size   84.81 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for CD-ROM Systems

ICS9120-52 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9120-52 Datasheet PDF - Integrated Circuit Systems

Part # ICS9120-52
Download  ICS9120-52 Click to download

File Size   84.81 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for CD-ROM Systems

ICS9120-52 Datasheet (HTML) - Integrated Circuit Systems


ICS9120-52 Product details

General Description
The ICS9120-52 is a high performance frequency generator designed to support digital compact disk drive systems. It offers all clock frequencies required for the servo and decoder sections of these devices. These frequencies are synthesized from a single 16.9344 MHz on-chip oscillator.

Features
• Generates 33.8688 MHz or 42.83 MHz decode clocks plus the 20 and 40 MHz fixed clocks
• Single 8.4672 MHz crystal or system clock reference
• 200ps one sigma jitter maintains 16-bit performance
• Output rise/fall times less than 2.0ns
• On-chip loop filter components
• 3.3V-5V supply range
• 8-pin, 150-mil SOIC

Applications
• Specifically designed to support the high performance requirements of CD-ROM drive systems




Similar Part No. - ICS9120-52

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-53 ICST-ICS9120-53 Datasheet
81Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9120-56 ICST-ICS9120-56 Datasheet
79Kb / 5P
Frequency Timing Generator for EtherNet & Hard Drives
Rev A 040697
More results


Similar Description - ICS9120-52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
DSP for CD and DVD-ROM systems
1997 Aug 11
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
BTL driver for CD/CD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-48 ICST-ICS9120-48 Datasheet
189Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A110196
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-53 ICST-ICS9120-53 Datasheet
81Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
DECODER FOR CD-MP3/CD-ROM
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com