Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-111 Datasheet (PDF) - Integrated Circuit Systems

ICS9148-111 Datasheet PDF - Integrated Circuit Systems
Part # ICS9148-111
Download  ICS9148-111 Download
File Size   710.08 Kbytes
Page   18 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUM/ProTM

ICS9148-111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9148-111 Datasheet PDF - Integrated Circuit Systems

Part # ICS9148-111
Download  ICS9148-111 Click to download

File Size   710.08 Kbytes
Page   18 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUM/ProTM

ICS9148-111 Datasheet (HTML) - Integrated Circuit Systems


ICS9148-111 Product details

General Description
The ICS9148-111 is a single chip clock solution for Desktop/Notebook designs using the ALI (Aladdin V™) mobile style chipset. It provides all necessary clock signals for such a system.

Features:
• Up to 100MHz frequency support
• Support power management: CPU, PCI, AGP stop and, Power down Mode from I2C programming.
• Spread spectrum for EMI control (0 to -0.6%, ± 0.25%).
• Uses external 14.318MHz crystal
• FS pins for frequency select

Output Features:
• 3 - CPUs @ 2.5V/3.3V, up to 100MHz.
• 3 - AGPCLK @ 3.3V
• 13 - SDRAM @ 3.3V, up to 100MHz.
• 6 - PCI @ 3.3V, including one free running.
• 1 - 48MHz, @ 3.3V fixed.
• 1 - REF @ 3.3V, 14.318MHz.

Recommended Application:
    ALI (Aladdin V™) mobile.




Similar Part No. - ICS9148-111

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
More results


Similar Description - ICS9148-111

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com