Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91S Datasheet (PDF) - NEC

RD91S Datasheet PDF - NEC
Part # RD91S
Download  RD91S Download
File Size   54.8 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD

RD91S Datasheet (PDF)

Go To PDF Page Download Datasheet
RD91S Datasheet PDF - NEC

Part # RD91S
Download  RD91S Click to download

File Size   54.8 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD

RD91S Datasheet (HTML) - NEC


RD91S Product details

DESCRIPTION

Type RD2.0S to RD120S Series are 2 PIN Super Mini Mold Package zener diodes possessing an allowable power dissipation of 200 mW.



FEATURES

• Sharp Breakdown characteristic.

• Vz: Applied E24 standard.



APPLICATIONS

  Circuit for Constant Voltage, Constant Current, Wave form Clipper, Surge absorber, etc.



 




Similar Part No. - RD91S

ManufacturerPart #DatasheetDescription
logo
NEC
RD91E NEC-RD91E Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD91E NJSEMI-RD91E Datasheet
346Kb / 5P
500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD91EB NEC-RD91EB Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD91EB SEMTECH_ELEC-RD91EB Datasheet
477Kb / 8P
ZENER DIODES
logo
Semtech Corporation
RD91EB SEMTECH-RD91EB Datasheet
605Kb / 8P
ZENER DIODES
More results


Similar Description - RD91S

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD47M NEC-RD47M Datasheet
67Kb / 8P
ZENER DIODES 200 mW 3-PIN MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
logo
NEC
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
ZENER DIODES 200 mW 3-PIN MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
logo
Micro Commercial Compon...
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
200 mW Zener Diodes 2.7 to 39 Volts
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com