Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP-5B Datasheet (PDF) - Cooper Bussmann, Inc.

FWP-5B Datasheet PDF - Cooper Bussmann, Inc.
Part # FWP-5B
Download  FWP-5B Download
File Size   50.84 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWP 700V 5-1200A

FWP-5B Datasheet (PDF)

Go To PDF Page Download Datasheet
FWP-5B Datasheet PDF - Cooper Bussmann, Inc.

Part # FWP-5B
Download  FWP-5B Click to download

File Size   50.84 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWP 700V 5-1200A

FWP-5B Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FWP-5B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-5B COOPER-FWP-5B Datasheet
750Kb / 20P
High Speed Fuses
FWP-5B COOPER-FWP-5B Datasheet
50Kb / 2P
FWP 700V 5-1200A
logo
Clairex Technologies, I...
FWP-5B CLAIREX-FWP-5B Datasheet
34Kb / 2P
Semiconductor Fuse
logo
Cooper Bussmann, Inc.
FWP-5B COOPER-FWP-5B Datasheet
34Kb / 2P
5-30A, 700 Volts
More results


Similar Description - FWP-5B

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB1200B12 NIEC-PHMB1200B12_1 Datasheet
197Kb / 3P
1200A 1200V
logo
Cooper Bussmann, Inc.
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
logo
Shindengen Electric Mfg...
D1FK70-5063 SHINDENGEN-D1FK70-5063 Datasheet
475Kb / 3P
700V 0.8A
logo
Cooper Bussmann, Inc.
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
logo
Xiamen silicon-top opto...
YAS1 SILICON-TOP-YAS1 Datasheet
899Kb / 7P
700V SSR
YAS2 SILICON-TOP-YAS2 Datasheet
848Kb / 6P
700V 2A SSR
logo
MacMic
MM8F70K MACMIC-MM8F70K Datasheet
649Kb / 3P
700V 8A FRED
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com