Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CJ-271 Datasheet (PDF) - Integrated Circuit Systems

ICS9169CJ-271 Datasheet PDF - Integrated Circuit Systems
Part # ICS9169CJ-271
Download  ICS9169CJ-271 Download
File Size   322.73 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Pentium??Based Systems

ICS9169CJ-271 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9169CJ-271 Datasheet PDF - Integrated Circuit Systems

Part # ICS9169CJ-271
Download  ICS9169CJ-271 Click to download

File Size   322.73 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Pentium??Based Systems

ICS9169CJ-271 Datasheet (HTML) - Integrated Circuit Systems


ICS9169CJ-271 Product details

General Description
The ICS9169C-271 is a low-cost frequency generator designed specifically for Pentium based chip set systems. The integrated buffer minimizes skew and provides all the clocks required. A 14.318 MHz XTAL oscillator provides the reference clock to generate standard Pentium frequencies. The CPU clock makes gradual frequency transitions without violating the PLL timing of internal microprocessor clock multipliers. A raised frequency setting of 68.5MHz is available for Turbo-mode of the 66.8MHz CPU. The ICS9169C-271 contains 12 CPU clocks, 4 PCI clocks, 1 REF at 48MHz and 1 at 24MHz.

Features
• Twelve selectable CPU clocks operate up to 83.3MHz
• Maximum CPU jitter of ± 200ps
• Six BUS clocks support sync or async bus operation
• ±250ps skew for all synchronous clock edges
• CPU clocks BUS clocks skew 1-4ns (CPU early)
• Integrated buffer outputs drive up to 30pF loads
• 3.0V - 3.7V supply range, CPU(1:12) outputs 2.5V(2.375-2.62V) VDD option
• 32-pin SOIC/SOJ package
• Logic inputs latched at Power-On for frequency selection saving pins as Input/Output
• 48 MHz clock for USB support and 24 MHz clock for FD.




Similar Part No. - ICS9169CJ-271

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169CJ-27 ICST-ICS9169CJ-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169CJ-272 ICST-ICS9169CJ-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169CJ-273 ICST-ICS9169CJ-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
More results


Similar Description - ICS9169CJ-271

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com