Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KE Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

P6KE Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # P6KE
Download  P6KE Download
File Size   185.74 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

P6KE Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # P6KE
Download  P6KE Click to download

File Size   185.74 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

P6KE Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


P6KE Product details

VOLTAGE RANGE 6.8 to 600 Volts

600 Watts Peak Power



FEATURES

* 600 Watts Surge Capability at 1ms 1.0ps from 0 volt to BV min.

* High temperature soldering guaranteed: 260°C/10 seconds/.375"(9.5mm) lead length, 5lbs.(2.3kg) tension

* Typical IR less than 1 A above 10V

* Fast response time: Typically less than

* Low zener impedance

* Excellent clamping capability



 




Similar Part No. - P6KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Similar Description - P6KE

ManufacturerPart #DatasheetDescription
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
logo
UNIOHM CORPORATION
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com