Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1716 Datasheet (PDF) - NEC

A1716 Datasheet PDF - NEC
Part # A1716
Download  A1716 Download
File Size   66.67 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE

A1716 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1716 Datasheet PDF - NEC

Part # A1716
Download  A1716 Click to download

File Size   66.67 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE

A1716 Datasheet (HTML) - NEC


A1716 Product details

DESCRIPTION
This product is P-Channel MOS Field Effect Transistor designed for DC/DC converters and power management applications of notebook computers.

FEATURES
• Low on-resistance
   RDS(on)1 = 12.5 mΩ TYP. (VGS = –10 V, ID = –4 A)
   RDS(on)2 = 17.0 mΩ TYP. (VGS = –4.5 V, ID = –4 A)
   RDS(on)3 = 19.0 mΩ TYP. (VGS = –4.0 V, ID = –4 A)
• Low Ciss : Ciss = 2100 pF TYP.
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)




Similar Part No. - A1716

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A1716AGA2 DBLECTRO-A1716AGA2 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
A1716AGB2 DBLECTRO-A1716AGB2 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
A1716ASA2 DBLECTRO-A1716ASA2 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
A1716ASB2 DBLECTRO-A1716ASB2 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
A1716ATA2 DBLECTRO-A1716ATA2 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
More results


Similar Description - A1716

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com