Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL130G Datasheet (PDF) - Extech Instruments Corporation.

SL130G Datasheet PDF - Extech Instruments Corporation.
Part # SL130G
Download  SL130G Download
File Size   162.71 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Sound Level Alert with Alarm

SL130G Datasheet (PDF)

Go To PDF Page Download Datasheet
SL130G Datasheet PDF - Extech Instruments Corporation.

Part # SL130G
Download  SL130G Click to download

File Size   162.71 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Sound Level Alert with Alarm

SL130G Datasheet (HTML) - Extech Instruments Corporation.


SL130G Product details

Sound Level Alert with Alarm
Built-in LEDs alert user when sound level is too high or too low LEDs can be read from 30m (100ft)

Features:
• Ideal for industrial, hospital, auditoriums, schools and other areas where there is a need for being alerted when sound level reaches set point
• Meets ANSI Type 2 and EN 60651 accuracy specs compliant to OSHA
• User settable high or low limit (30 to 130dB) indication with output to drive external relay module
• Microphone rotates 180° for desired placement. Optional 5m (15ft) microphone extension cable for remote monitoring
• Complete with 100-240V AC 50/60Hz adaptor, microphone windscreen, and built-in wall, desk and tripod mount (optional Tripod TR100)

Applications:
• Industrial, Hospitals, Classrooms, and special quiet zones – When the sound level exceeds the HI set point the RED LEDs flash and can be seen from 30m 100ft.
• Speakers/Educators/Instructors, Auditoriums and Theaters – The user can set the SL130 so the RED LEDs flash when the sound level is below the LO set point where people in the audience may not be able to hear. When the sound level is above the LO set point, the GREEN LEDs indicate the sound level is acceptable. The user can reverse the Red and Green LEDs activation per user color preference.




Similar Part No. - SL130G

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SL130 EXTECH-SL130 Datasheet
180Kb / 8P
Sound Level Alert
SL130W EXTECH-SL130W Datasheet
284Kb / 1P
Sound Level Alert with Alarm
More results


Similar Description - SL130G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3764 ETC-M3764 Datasheet
107Kb / 1P
VDD CONTROL ALARM SOUND
logo
Extech Instruments Corp...
SL130 EXTECH-SL130 Datasheet
180Kb / 8P
Sound Level Alert
logo
General Cable Technolog...
05093 GENERAL-05093 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05481 GENERAL-05481 Datasheet
74Kb / 1P
Sound, Alarm & Security Cable
05485 GENERAL-05485 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05784 GENERAL-05784 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
C1119 GENERAL-C1119 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
logo
Extech Instruments Corp...
SL130W EXTECH-SL130W Datasheet
284Kb / 1P
Sound Level Alert with Alarm
logo
MOSDESIGN SEMICONDUCTOR...
M3764-518 MOSDESIGN-M3764-518 Datasheet
137Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com