Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP_A Datasheet (PDF) - Bruckewell Technology LTD

5KP_A Datasheet PDF - Bruckewell Technology LTD
Part # 5KP_A
Download  5KP_A Download
File Size   524.02 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 5000W Peak Pulse Power

5KP_A Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP_A Datasheet PDF - Bruckewell Technology LTD

Part # 5KP_A
Download  5KP_A Click to download

File Size   524.02 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 5000W Peak Pulse Power

5KP_A Datasheet (HTML) - Bruckewell Technology LTD




Similar Part No. - 5KP_A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
5KP-AT YAGEO-5KP-AT Datasheet
423Kb / 8P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.3
More results


Similar Description - 5KP_A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Nanjing International G...
ES5VD923 DGNJDZ-ES5VD923 Datasheet
677Kb / 4P
100 Watts peak pulse power
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
350 Watts peak pulse power
SES5VD923-2U SURGE-SES5VD923-2U Datasheet
317Kb / 6P
100 Watts peak pulse power
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
600W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
Voltage 5.0V ~ 250V 5000W Peak Power TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com