Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2772-01 Datasheet (PDF) - Integrated Circuit Systems

MK2772-01 Datasheet PDF - Integrated Circuit Systems
Part # MK2772-01
Download  MK2772-01 Download
File Size   64.78 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO and Set-Top Clock Source

MK2772-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2772-01 Datasheet PDF - Integrated Circuit Systems

Part # MK2772-01
Download  MK2772-01 Click to download

File Size   64.78 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO and Set-Top Clock Source

MK2772-01 Datasheet (HTML) - Integrated Circuit Systems


MK2772-01 Product details

Description
The MK2772-01 is a low cost, low jitter, high performance VCXO and clock synthesizer for settop boxes. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3V input voltage to cause the output clocks to vary by ±100 ppm. Using MicroClock’s patented VCXO and analog Phase-Locked Loop (PLL) techniques, the device uses an inexpensive 13.5 MHz crystal input to produce multiple output clocks. All clocks are frequency locked to the 27.00MHz output (and to each other) with zero ppm error. The MK2772 includes a glitch-free multiplexer to switch input sources during operation.

Features
• Packaged in 20 pin SOIC
• Uses an inexpensive 13.5 MHz crystal
• On-chip VCXO (patented) with pull range of 200ppm (minimum)
• Ability to switch input sources “on-the-fly”
• VCXO tuning voltage of 0 to 3V
• Zero ppm synthesis error (patented) in all clocks. All exactly track 27MHz VCXO
• All clocks are frequency locked. All will vary the same amount (in ppm) as the VCXO
• Selectable Audio clock for 256x, 384x, and 512x.
• 25mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5V operating voltage




Similar Part No. - MK2772-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
MK2772-01S RENESAS-MK2772-01S Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
MK2772-01STR RENESAS-MK2772-01STR Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
More results


Similar Description - MK2772-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
VCXO and Set-Top Clock Source
Revision 102099
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
VCXO and HDTV Set-Top Clock Source
Revision 083104
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
SET-TOP CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com