Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3754 Datasheet (PDF) - Integrated Circuit Systems

MK3754 Datasheet PDF - Integrated Circuit Systems
Part # MK3754
Download  MK3754 Download
File Size   59.84 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 54 MHz 3.3 Volt VCXO

MK3754 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3754 Datasheet PDF - Integrated Circuit Systems

Part # MK3754
Download  MK3754 Click to download

File Size   59.84 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 54 MHz 3.3 Volt VCXO

MK3754 Datasheet (HTML) - Integrated Circuit Systems


MK3754 Product details

Description
The MK3754 is ICS/Microclock’s lowest cost, low jitter, high performance 3.3 Volt VCXO and PLL clock synthesizer designed to replace expensive 54 MHz VCXOs. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3.3 V input voltage to vary the output clocks by ±100 ppm. Using ICS/Microclock’s patented VCXO and analog/digital Phase-Locked Loop (PLL) techniques, the device uses an inexpensive external 13.5 MHz pullable crystal input to produce a 54 MHz output clock.

Features
• Packaged in 8 pin SOIC
• 3.3 V only operating voltage
• Uses an inexpensive 13.500 MHz external crystal
• On-chip VCXO (patented) with pull range of 200ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• The A version is the latest, manufactured in a smaller geometry process. The MK3754A gives a wider pull range than the MK3754S, and so is recommended for all new designs, and cost reductions of existing designs.




Similar Part No. - MK3754

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754B RENESAS-MK3754B Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754BLF RENESAS-MK3754BLF Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754BLFTR RENESAS-MK3754BLFTR Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
MK3754BTR RENESAS-MK3754BTR Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Similar Description - MK3754

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
Low Cost 54 MHz VCXO
Revision 011698
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com