Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT49FCT806 Datasheet (PDF) - Integrated Device Technology

IDT49FCT806 Datasheet PDF - Integrated Device Technology
Part # IDT49FCT806
Download  IDT49FCT806 Download
File Size   126.26 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS BUFFER/CLOCK DRIVER

IDT49FCT806 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT49FCT806 Datasheet PDF - Integrated Device Technology

Part # IDT49FCT806
Download  IDT49FCT806 Click to download

File Size   126.26 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS BUFFER/CLOCK DRIVER

IDT49FCT806 Datasheet (HTML) - Integrated Device Technology


IDT49FCT806 Product details

DESCRIPTION:
The IDT49FCT805/A and IDT49FCT806/A are clock drivers built using advanced dual metal CMOS technology.
The IDT49FCT805/A is a non-inverting clock driver and the IDT49FCT806/A is an inverting clock driver. Each device consists of two banks of drivers. Each bank drives five output buffers from a standard TTL compatible input. The devices feature a "heartbeat" monitor for diagnostics and PLL driving. The MON output is identical to all other outputs and complies with the output specifications in this document. The IDT49FCT805/A and IDT49FCT806/A offer low capacitance inputs with hysteresis. Rail-to-rail output swing improves noise margin and allows easy interface with CMOS inputs.

FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 700ps (max.)
• Low duty cycle distortion < 1ns (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• Rail-to-rail output voltage swing
• High drive: -24mA IOH, 64mA IOL
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• ‘Heartbeat’ monitor output
• Available in DIP, SOIC, SSOP (805 only), QSOP (805 only), Cerpack and LCC packages
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT49FCT806

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT806BT IDT-IDT49FCT806BT Datasheet
125Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806BTD IDT-IDT49FCT806BTD Datasheet
125Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806BTDB IDT-IDT49FCT806BTDB Datasheet
125Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806BTE IDT-IDT49FCT806BTE Datasheet
125Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
More results


Similar Description - IDT49FCT806

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com