Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7024S Datasheet (PDF) - Integrated Device Technology

IDT7024S Datasheet PDF - Integrated Device Technology
Part # IDT7024S
Download  IDT7024S Download
File Size   292.39 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM

IDT7024S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7024S Datasheet PDF - Integrated Device Technology

Part # IDT7024S
Download  IDT7024S Click to download

File Size   292.39 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM

IDT7024S Datasheet (HTML) - Integrated Device Technology


IDT7024S Product details

Description
The IDT7024 is a high-speed 4Kx 16 Dual-Port Static RAM. The IDT7024 is designed to be used as a stand-alone 64K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 32-bit or more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 32-bit or wider memory system applications results in full-speed, error free operation without the need for additional discrete logic.

Features
◆True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
   – Military: 20/25/35/55/70ns (max.)
   – Industrial: 55ns (max.)
   – Commercial: 15/17/20/25/35/55ns (max.)
◆ Low-power operation
   – IDT7024S
     Active: 750mW (typ.)
     Standby: 5mW (typ.)
   – IDT7024L
     Active: 750mW (typ.)
     Standby: 1mW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed bus compatibility
◆ IDT7024 easily expands data bus width to 32 bits or more using
   the Master/Slave select when cascading more than one device
◆ M/S= H for BUSYoutput flag on Master
    M/S= L for BUSYinput on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling between ports
◆ Fully asynchronous operation from either port
◆ Battery backup operation—2V data retention
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in 84-pin PGA, Flatpack, PLCC, and 100-pin Thin Quad Flatpack
◆ Industrial temperature range (–40°C to +85°C) is available for selected speeds
◆ Green parts availble, see ordering information




Similar Part No. - IDT7024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com