Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT70824L Datasheet (PDF) - Integrated Device Technology

IDT70824L Datasheet PDF - Integrated Device Technology
Part # IDT70824L
Download  IDT70824L Download
File Size   205.08 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??

IDT70824L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70824L Datasheet PDF - Integrated Device Technology

Part # IDT70824L
Download  IDT70824L Click to download

File Size   205.08 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??

IDT70824L Datasheet (HTML) - Integrated Device Technology


IDT70824L Product details

Description
The IDT70824 is a high-speed 4K x 16-Bit Sequential Access Random Access Memory (SARAM).

Features
◆ High-speed access
   – Military: 35/45ns (max.)
   – Commercial: 20/25/35/45ns (max.)
◆ Low-power operation
   – IDT70824S
      Active: 775mW (typ.)
      Standby: 5mW (typ.)
   – IDT70824L
      Active: 775mW (typ.)
      Standby: 1mW (typ.)
◆ 4K x 16 Sequential Access Random Access Memory (SARAM™)
   – Sequential Access from one port and standard Random
      Access from the other port
   – Separate upper-byte and lower-byte control of the
      Random Access Port
◆ High speed operation
   – 20ns tAA for random access port
   – 20ns tCD for sequential port
   – 25ns clock cycle time
◆ Architecture based on Dual-Port RAM cells
◆ Compatible with Intel BMIC and 82430 PCI Set
◆ Width and Depth Expandable
◆ Sequential side
   – Address based flags for buffer control
   – Pointer logic supports up to two internal buffers
◆ Battery backup operation - 2V data retention
◆ TTL-compatible, single 5V (+10%) power supply
◆ Available in 80-pin TQFP and 84-pin PGA
◆ Military product compliant to MIL-PRF-38535 QML
◆ Industrial temperature range (–40°C to +85°C) is available
   for selected speeds




Similar Part No. - IDT70824L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results


Similar Description - IDT70824L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
Dynamic Random Access Memory
AK632128W ACCUTEK-AK632128W_09 Datasheet
93Kb / 2P
Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
Static Random Access Memory
AK632512W ACCUTEK-AK632512W_09 Datasheet
317Kb / 2P
Static Random Access Memory
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com