Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71028 Datasheet (PDF) - Integrated Device Technology

IDT71028 Datasheet PDF - Integrated Device Technology
Part # IDT71028
Download  IDT71028 Download
File Size   59.41 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 1 MEG (256K x 4-BIT)

IDT71028 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71028 Datasheet PDF - Integrated Device Technology

Part # IDT71028
Download  IDT71028 Click to download

File Size   59.41 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 1 MEG (256K x 4-BIT)

IDT71028 Datasheet (HTML) - Integrated Device Technology


IDT71028 Product details

Description

The IDT71028 is a 1,048,576-bit high-speed static RAM organized as 256K x 4. It is fabricated using IDT’s high-perfomance, high reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost effective solution for high-speed memory needs.



Features

◆ 256K x 4 advanced high-speed CMOS static RAM

◆ Equal access and cycle times

    — Commercial and Industrial: 12/15/20ns

◆One Chip Select plus one Output Enable pin

◆ Bidirectional data inputs and outputs directly TTL-compatible

◆ Low power consumption via chip deselect

◆ Available in 400 mil Plastic SOJ package.




Similar Part No. - IDT71028

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S70Y IDT-IDT71028S70Y Datasheet
56Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
More results


Similar Description - IDT71028

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71128 IDT-IDT71128 Datasheet
81Kb / 8P
CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com