Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71B74 Datasheet (PDF) - Integrated Device Technology

IDT71B74 Datasheet PDF - Integrated Device Technology
Part # IDT71B74
Download  IDT71B74 Download
File Size   105.01 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM

IDT71B74 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71B74 Datasheet PDF - Integrated Device Technology

Part # IDT71B74
Download  IDT71B74 Click to download

File Size   105.01 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM

IDT71B74 Datasheet (HTML) - Integrated Device Technology


IDT71B74 Product details

DESCRIPTION:
The IDT71B74 is a high-speed cache address comparator subsystem consisting of a 65,536-bit static RAM organized as 8K x 8 and an 8-bit comparator. A single IDT71B74 can map 8K cache words into a 2 megabyte address space by using the 21 bits of address organized with the 13 LSBs for the cache address bits and the 8 higher bits for cache data bits. Two IDT71B74s can be combined to provide 29 bits of address comparison, etc.

FEATURES:
• High-speed address to MATCH comparison time
    — Commercial: 8/10/12/15/20ns (max.)
• High-speed address access time
    — Commercial: 8/10/12/15/20ns (max.)
• High-speed chip select access time
    — Commercial: 6/7/8/10ns (max.)
• Power-ON Reset Capability
• Low power consumption
    — 830mW (typ.) for 12ns parts
    — 880mW (typ.) for 10ns parts
    — 920mW (typ.) for 8ns parts
• Produced with advanced BiCMOS high-performance technology
• Input and output directly TTL-compatible
• Standard 28-pin plastic DIP and 28-pin SOJ (300 mil)




Similar Part No. - IDT71B74

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PH IDT-IDT71016S12PH Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHG IDT-IDT71016S12PHG Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHGI IDT-IDT71016S12PHGI Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHI IDT-IDT71016S12PHI Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
More results


Similar Description - IDT71B74

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
CMOS Static RAM 64K (8K x 8-Bit)
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
64K (8K x 8) Static RAM
logo
Integrated Device Techn...
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com