Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71T016 Datasheet (PDF) - Integrated Device Technology

IDT71T016 Datasheet PDF - Integrated Device Technology
Part # IDT71T016
Download  IDT71T016 Download
File Size   80.71 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)

IDT71T016 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71T016 Datasheet PDF - Integrated Device Technology

Part # IDT71T016
Download  IDT71T016 Click to download

File Size   80.71 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)

IDT71T016 Datasheet (HTML) - Integrated Device Technology


IDT71T016 Product details

DESCRIPTION:
The IDT71T016 is a 1,048,576-bit very low-power Static RAM organized as 64K x 16. It is fabricated using IDT’s high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for low-power memory needs. It uses a 6-transistor memory cell.

FEATURES:
• 64K x 16 Organization
• Wide Operating Voltage Range: 1.8 to 2.7V
• Speed Grades: 150ns, 200ns
• Low Operating Power: 20mA (max)
• Low Standby Power: 5µA (max)
• Low-Voltage Data Retention: 1.5V (min)
• Available in a 44-pin TSOP package




Similar Part No. - IDT71T016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10BF IDT-IDT71T016SA10BF Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10BFI IDT-IDT71T016SA10BFI Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10PH IDT-IDT71T016SA10PH Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA10PHI IDT-IDT71T016SA10PHI Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results


Similar Description - IDT71T016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71L016 IDT-IDT71L016 Datasheet
80Kb / 8P
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T024 IDT-IDT71T024 Datasheet
62Kb / 8P
LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Lyontek Inc.
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
64K X 16 BIT LOW POWER CMOS SRAM
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Lyontek Inc.
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
64K X 16 BIT LOW POWER CMOS SRAM
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com