Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71V016 Datasheet (PDF) - Integrated Device Technology

IDT71V016 Datasheet PDF - Integrated Device Technology
Part # IDT71V016
Download  IDT71V016 Download
File Size   100.78 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)

IDT71V016 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71V016 Datasheet PDF - Integrated Device Technology

Part # IDT71V016
Download  IDT71V016 Click to download

File Size   100.78 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)

IDT71V016 Datasheet (HTML) - Integrated Device Technology


IDT71V016 Product details

Description

The IDT71V016 is a 1,048,576-bit high-speed Static RAM organized as 64K x 16. It is fabricated using IDT’s high-perfomance, high-reliability CMOS technology. This state-of-the-art technology, combined with inno vative circuit design techniques, provides a cost-effective solution for high speed memory needs.

The IDT71V016 has an output enable pin which operates as fast as 5ns, with address access times as fast as 10ns. All bidirectional inputs and outputs of the IDT71V016 are LVTTL-compatible and operation is from a single 3.3V supply. Fully static asynchronous circuitry is used, requiring no clocks or refresh for operation.

The IDT71V016 is packaged in a JEDEC standard 44-pin Plastic SOJ, a 44-pin TSOP Type II, and a 48-ball plastic 7 x 7 mm FBGA.



Features

◆ 64K x 16 advanced high-speed CMOS Static RAM

◆ Equal access and cycle times

   — Commercial: 10/12/15/20ns

   — Industrial: 12/15/20ns

◆ One Chip Select plus one Output Enable pin

◆ Bidirectional data inputs and outputs directly LVTTL-compatible

◆ Low power consumption via chip deselect

◆ Upper and Lower Byte Enable Pins

◆ Single 3.3V power supply

◆ Available in 44-pin Plastic SOJ, 44-pin TSOP, and 48-Ball Plastic FBGA packages



 




Similar Part No. - IDT71V016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016S15PH IDT-IDT71V016S15PH Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016S15PHI IDT-IDT71V016S15PHI Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016S15Y IDT-IDT71V016S15Y Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016S15YI IDT-IDT71V016S15YI Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results


Similar Description - IDT71V016

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71016S RENESAS-71016S Datasheet
201Kb / 10P
CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com