Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1763 Datasheet (PDF) - NEC

UPA1763 Datasheet PDF - NEC
Part # UPA1763
Download  UPA1763 Download
File Size   69.95 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE

UPA1763 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1763 Datasheet PDF - NEC

Part # UPA1763
Download  UPA1763 Click to download

File Size   69.95 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE

UPA1763 Datasheet (HTML) - NEC


UPA1763 Product details

DESCRIPTION

The µPA1763 is N-Channel MOS Field Effect Transistor designed for DC/DC Converters.



FEATURES

• Dual chip type

• Low on-resistance

   RDS(on)1 = 47.0 mΩ MAX. (VGS = 10 V, ID = 2.3 A)

   RDS(on)2 = 57.0 mΩ MAX. (VGS = 4.5 V, ID = 2.3 A)

   RDS(on)3 = 66.0 mΩ MAX. (VGS = 4.0 V, ID = 2.3 A)

• Low input capacitance

   Ciss = 870 pF TYP.

• Built-in G-S protection diode

• Small and surface mount package (Power SOP8)



 




Similar Part No. - UPA1763

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1763 RENESAS-UPA1763 Datasheet
205Kb / 10P
Old Company Name in Catalogs and Other Documents
More results


Similar Description - UPA1763

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1764 NEC-UPA1764 Datasheet
38Kb / 4P
SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
PA1764 RENESAS-PA1764_15 Datasheet
206Kb / 10P
SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
PA1763 RENESAS-PA1763_15 Datasheet
205Kb / 10P
SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1294 RENESAS-2SK1294 Datasheet
379Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
July 1993
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com