Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT139AD Datasheet (PDF) - Integrated Device Technology

IDT74FCT139AD Datasheet PDF - Integrated Device Technology
Part # IDT74FCT139AD
Download  IDT74FCT139AD Download
File Size   103.85 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE

IDT74FCT139AD Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT139AD Datasheet PDF - Integrated Device Technology

Part # IDT74FCT139AD
Download  IDT74FCT139AD Click to download

File Size   103.85 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE

IDT74FCT139AD Datasheet (HTML) - Integrated Device Technology


IDT74FCT139AD Product details

DESCRIPTION:
The IDT54/74FCT139/A/C are dual 1-of-4 decoders built using an advanced dual metal CMOS technology. These devices have two independent decoders, each of which accept two binary weighted inputs (A0-A1) and provide four mutually exclusive active LOW outputs (O0-O3). Each decoder has an active LOW enable (E). When E is HIGH, all outputs are forced HIGH.

FEATURES:
• IDT54/74FCT139 equivalent to FAST speed
• IDT54/74FCT139A 35% faster than FAST
• IDT54/74FCT139C 45% faster than FAST
• Equivalent to FAST output drive over full temperature and voltage supply extremes
• IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST (5µA max.)
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT139AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139AT IDT-IDT74FCT139AT Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATD IDT-IDT74FCT139ATD Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATDB IDT-IDT74FCT139ATDB Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATE IDT-IDT74FCT139ATE Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATEB IDT-IDT74FCT139ATEB Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
More results


Similar Description - IDT74FCT139AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4555B TI-CD4555B Datasheet
267Kb / 13P
CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Integrated Device Techn...
IDT74FCT138 IDT-IDT74FCT138 Datasheet
65Kb / 6P
FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
Fast CMOS 1-of-8 Decoder
logo
National Semiconductor ...
9321 NSC-9321 Datasheet
124Kb / 6P
DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
DUAL 1-OF-4 DECODER
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
logo
ON Semiconductor
SN74LS155 ONSEMI-SN74LS155 Datasheet
135Kb / 4P
DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
logo
Texas Instruments
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com