Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT299 Datasheet (PDF) - Integrated Device Technology

IDT74FCT299 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT299
Download  IDT74FCT299 Download
File Size   100.7 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER

IDT74FCT299 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT299 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT299
Download  IDT74FCT299 Click to download

File Size   100.7 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER

IDT74FCT299 Datasheet (HTML) - Integrated Device Technology


IDT74FCT299 Product details

DESCRIPTION:
The IDT54/74FCT299 and IDT54/74FCT299A/C are built using an advanced dual metal CMOS technology. The IDT54/74FCT299 and IDT54/74FCT299A/C are 8-input universal shift/storage registers with 3-state outputs. Four modes of operation are possible: hold (store), shift left, shift right and load data. The parallel load inputs and flip-flop outputs are multiplexed to reduce the total number of package pins. Additional outputs are provided for flip-flops Q0 and Q7 to allow easy serial cascading. A separate active LOW Master Reset is used to reset the register.

FEATURES:
• IDT54/74FCT299 equivalent to FAST speed
• IDT54/74FCT299A 25% faster than FAST
• IDT54/74FCT299C 35% faster than FAST
• Equivalent to FAST output drive over full temperature and voltage supply extremes
• IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST (5µA max.)
• 8-input universal shift register
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing# 5962-86862 is listed on this function. Refer to section 2.




Similar Part No. - IDT74FCT299

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT299AT IDT-IDT74FCT299AT Datasheet
109Kb / 7P
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATD IDT-IDT74FCT299ATD Datasheet
109Kb / 7P
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATDB IDT-IDT74FCT299ATDB Datasheet
109Kb / 7P
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATE IDT-IDT74FCT299ATE Datasheet
109Kb / 7P
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATEB IDT-IDT74FCT299ATEB Datasheet
109Kb / 7P
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
More results


Similar Description - IDT74FCT299

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
8-bit bidirectional universal shift register
1987 Oct 02
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74AC299 FAIRCHILD-74AC299 Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
8-Input Universal Shift/Storage Register with
logo
Integrated Device Techn...
IDT74FCT299T IDT-IDT74FCT299T Datasheet
109Kb / 7P
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Texas Instruments
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
CMOS 4-Bit Bidirectional Universal Shift Register
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com