Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT3245 Datasheet (PDF) - Integrated Device Technology

IDT74FCT3245 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT3245
Download  IDT74FCT3245 Download
File Size   114.94 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS

IDT74FCT3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT3245 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT3245
Download  IDT74FCT3245 Click to download

File Size   114.94 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS

IDT74FCT3245 Datasheet (HTML) - Integrated Device Technology


IDT74FCT3245 Product details

DESCRIPTION:

The FCT3245/A octal transceivers are built using advanced dual metal CMOS technology. These high-speed, low-power transceivers are ideal for asynchronous communication between two buses (A and B). The

direction control pin (DIR) controls the direction of data flow. The output enable pin (OE) overrides the direction control and disables both ports. All inputs are designed with hysteresis for improved noise margin.



FEATURES:

• 0.5 MICRON CMOS Technology

• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0)

• VCC= 3.3V ±0.3V, Normal Range

• VCC= 2.7V to 3.6V, Extended Range

• CMOS power levels (0.4μW typ. static)

• Rail-to-Rail output swing for increased noise margin

• Available in QSOP and TSSOP packages




Similar Part No. - IDT74FCT3245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
IDT74FCT3245A RENESAS-IDT74FCT3245A Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results


Similar Description - IDT74FCT3245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
logo
List of Unclassifed Man...
AM7307 ETC1-AM7307 Datasheet
367Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
logo
Renesas Technology Corp
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com