Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT3574 Datasheet (PDF) - Integrated Device Technology

IDT74FCT3574 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT3574
Download  IDT74FCT3574 Download
File Size   108.91 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS OCTAL D REGISTERS (3-STATE)

IDT74FCT3574 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT3574 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT3574
Download  IDT74FCT3574 Click to download

File Size   108.91 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS OCTAL D REGISTERS (3-STATE)

IDT74FCT3574 Datasheet (HTML) - Integrated Device Technology


IDT74FCT3574 Product details

DESCRIPTION:
The FCT3574/A are 8-bit registers built using an advanced dual metal CMOS technology. These registers consist of eight D-type flip-flops with a buffered common clock and buffered 3-state output control. When the output (OE) input is LOW, the eight outputs are enabled. When the OE input is HIGH, the outputs are in the high-impedance state.
Input data meeting the set-up and hold time requirements of the D inputs is transferred to the O outputs on the LOW-toHIGH transition of the clock input.

FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0)
• 25 mil Center SSOP Packages
• Extended commercial range of -40°C to +85°C
• VCC = 3.3V ±0.3V, Normal Range or VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4µW typ. static)
• Rail-to-Rail output swing for increased noise margin
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT3574

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
logo
Integrated Device Techn...
IDT74FCT3573A IDT-IDT74FCT3573A Datasheet
108Kb / 7P
3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Renesas Technology Corp
IDT74FCT3573A RENESAS-IDT74FCT3573A Datasheet
240Kb / 8P
3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
logo
Integrated Device Techn...
IDT74FCT3573AD IDT-IDT74FCT3573AD Datasheet
108Kb / 7P
3.3V CMOS OCTAL TRANSPARENT LATCHES
More results


Similar Description - IDT74FCT3574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Texas Instruments
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
logo
Integrated Device Techn...
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com