Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT623T Datasheet (PDF) - Integrated Device Technology

IDT74FCT623T Datasheet PDF - Integrated Device Technology
Part # IDT74FCT623T
Download  IDT74FCT623T Download
File Size   102.23 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)

IDT74FCT623T Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT623T Datasheet PDF - Integrated Device Technology

Part # IDT74FCT623T
Download  IDT74FCT623T Click to download

File Size   102.23 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)

IDT74FCT623T Datasheet (HTML) - Integrated Device Technology


IDT74FCT623T Product details

DESCRIPTION
The FCT623T/AT/CT is a non-inverting octal transceiver with 3-state bus-driving outputs in both the send and receive directions. The B bus outputs are capable of sinking 64mA and sourcing up to 15mA, providing very good capacitive drive characteristics.

FEATURES:
• Std., A and C speed grades
• Low input and output leakage ≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility
    – VOH = 3.3V (typ.)
    – VOL = 0.3V (typ.)
• High drive outputs (-15mA IOH, 64mA IOL)
• Power off disable outputs permit “live insertion”
• Meets or exceeds JEDEC standard 18 specifications
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
• Available in DIP, SOIC, CERPACK and LCC packages




Similar Part No. - IDT74FCT623T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621AT IDT-IDT74FCT621AT Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT74FCT621AT IDT-IDT74FCT621AT Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT621AT RENESAS-IDT74FCT621AT Datasheet
207Kb / 7P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
logo
Integrated Device Techn...
IDT74FCT621ATD IDT-IDT74FCT621ATD Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT74FCT621ATDB IDT-IDT74FCT621ATDB Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
More results


Similar Description - IDT74FCT623T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
Octal Bus Transceivers (inverted 3-state outputs)
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com