Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT646 Datasheet (PDF) - Integrated Device Technology

IDT74FCT646 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT646
Download  IDT74FCT646 Download
File Size   91.81 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL TRANSCEIVER/REGISTER

IDT74FCT646 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT646 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT646
Download  IDT74FCT646 Click to download

File Size   91.81 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL TRANSCEIVER/REGISTER

IDT74FCT646 Datasheet (HTML) - Integrated Device Technology


IDT74FCT646 Product details

DESCRIPTION:

The IDT54/74FCT646/A/C consists of a bus transceiver with 3-state D-type flip-flops and control circuitry arranged for multiplexed transmission of data directly from the data bus or from the internal storage registers



FEATURES:

• IDT54/74FCT646 equivalent to FAST speed;

• IDT54/74FCT646A 30% faster than FAST

• IDT54/74FCT646C 40% faster than FAST

• Independent registers for A and B buses

• Multiplexed real-time and stored data

• IOL = 64mA (commercial) and 48mA (military)

• CMOS power levels (1mW typical static)

• TTL input and output level compatible

• CMOS output level compatible

• Available in 24-pin (300 mil) CERDIP, plastic DIP, SOIC,CERPACK and 28-pin LCC

• Product available in Radiation Tolerant and Radiation Enhanced Versions

• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT646

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT646AT IDT-IDT74FCT646AT Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT646AT IDT-IDT74FCT646AT Datasheet
103Kb / 8P
FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
IDT74FCT646ATD IDT-IDT74FCT646ATD Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT646ATD IDT-IDT74FCT646ATD Datasheet
103Kb / 8P
FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
IDT74FCT646ATDB IDT-IDT74FCT646ATDB Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
More results


Similar Description - IDT74FCT646

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com