Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT138 Datasheet (PDF) - Integrated Device Technology

74FCT138 Datasheet PDF - Integrated Device Technology
Part # 74FCT138
Download  74FCT138 Download
File Size   65.9 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 1-OF-8 DECODER WITH ENABLE

74FCT138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT138 Datasheet PDF - Integrated Device Technology

Part # 74FCT138
Download  74FCT138 Click to download

File Size   65.9 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 1-OF-8 DECODER WITH ENABLE

74FCT138 Datasheet (HTML) - Integrated Device Technology


74FCT138 Product details

DESCRIPTION:

The IDT54/74FCT138/A/C are 1-of-8 decoders built using an advanced dual metal CMOS technology. The IDT54/74FCT138/A/C accept three binary weighted inputs (A0, A1, A2) and, when enabled, provide eight mutually exclusive active LOW outputs (O0- O7). The IDT54/74FCT138/A/C feature three enable inputs, two active LOW (E1, E2) and one active HIGH (E3). All outputs will be HIGH unless E1and E2 are LOW and E3is HIGH. This multiple enable function allows easy parallel expansion of the device to a 1-of-32 (5 lines to

32 lines) decoder with just four IDT54/74FCT138/A/C devices and one inverter.



FEATURES:

• IDT54/74FCT138 equivalent to FASTspeed

• IDT54/74FCT138A 35% faster than FAST

• IDT54/74FCT138C 40% faster than FAST

• Equivalent to FAST speeds output drive over full temperature and voltage supply extremes

• IOL= 48mA (commercial) and 32mA (military)

• CMOS power levels (1mW typ. static)

• TTL input and output level compatible

• CMOS output level compatible

• Substantially lower input current levels than FAST (5µA max.)

• JEDEC standard pinout for DIP and LCC

• Product available in Radiation Tolerant and Radiation Enhanced versions

• Military product compliant to MIL-STD-883, Class B

• Standard Military Drawing # 5962-87654 is listed on this function. Refer to section 2.




Similar Part No. - 74FCT138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT157ATQG RENESAS-74FCT157ATQG Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
74FCT157ATSOG RENESAS-74FCT157ATSOG Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
74FCT157CTQG RENESAS-74FCT157CTQG Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
74FCT157CTSOG RENESAS-74FCT157CTSOG Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
74FCT157DTQG RENESAS-74FCT157DTQG Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
More results


Similar Description - 74FCT138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
1-of-8 Decoder
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Integrated Device Techn...
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT139 IDT-IDT74FCT139 Datasheet
103Kb / 6P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
Fast CMOS 1-of-8 Decoder
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com