Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT810CT Datasheet (PDF) - Integrated Device Technology

IDT74FCT810CT Datasheet PDF - Integrated Device Technology
Part # IDT74FCT810CT
Download  IDT74FCT810CT Download
File Size   107.04 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS BUFFER/CLOCK DRIVER

IDT74FCT810CT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT810CT Datasheet PDF - Integrated Device Technology

Part # IDT74FCT810CT
Download  IDT74FCT810CT Click to download

File Size   107.04 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS BUFFER/CLOCK DRIVER

IDT74FCT810CT Datasheet (HTML) - Integrated Device Technology


IDT74FCT810CT Product details

DESCRIPTION:
The IDT54/74FCT810BT/CT is a dual bank inverting/noninverting clock driver built using advanced dual metal CMOS technology. It consists of two banks of drivers, one inverting and one non-inverting. Each bank drives five output buffers from a standard TTL-compatible input. The IDT54/74FCT810BT/CT have low output skew, pulse skew and package skew. Inputs are designed with hysteresis circuitry for improved noise immunity. The outputs are designed with TTL output levels and controlled edge rates to reduce signal noise. The part has multiple grounds, minimizing the effects of ground inductance.

FEATURES:
• 0.5 MICRON CMOS technology
• Guaranteed low skew < 600ps (max.)
• Very low duty cycle distortion < 700ps (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• TTL level output voltage swings
• High drive: –32mA IOH, 48mA IOL
• Two independent output banks with 3-state control
    – One 1:5 Inverting bank
    – One 1:5 Non-Inverting bank
• ESD > 2000V per MIL-STD-883, Method 3015;
    > 200V using machine model (C = 200pF, R = 0)
• Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT810CT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT810CT RENESAS-IDT74FCT810CT Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Similar Description - IDT74FCT810CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com