Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT841AD Datasheet (PDF) - Integrated Device Technology

IDT74FCT841AD Datasheet PDF - Integrated Device Technology
Part # IDT74FCT841AD
Download  IDT74FCT841AD Download
File Size   140.63 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES

IDT74FCT841AD Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT841AD Datasheet PDF - Integrated Device Technology

Part # IDT74FCT841AD
Download  IDT74FCT841AD Click to download

File Size   140.63 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES

IDT74FCT841AD Datasheet (HTML) - Integrated Device Technology


IDT74FCT841AD Product details

DESCRIPTION:
The IDT54/74FCT800 series is built using an advanced dual metal CMOS technology.
The IDT54/74FCT840 series bus interface latches are designed to eliminate the extra packages required to buffer existing latches and provide extra data width for wider address/ data paths or buses carrying parity. The IDT54/74FCT841 is a buffered, 10-bit wide version of the popular ‘373 function.

FEATURES:
• Equivalent to AMD’s Am29841-46 bipolar registers in pinout/function, speed and output drive over full temperature and voltage supply extremes
• IDT54/74FCT841A equivalent to FAST speed
• IDT54/74FCT841B 25% faster than FAST
• IDT54/74FCT841C 40% faster than FAST
• Buffered common latch enable, clear and preset inputs
• IOL = 48mA (commercial) and 32mA (military)
• Clamp diodes on all inputs for ringing suppression
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than AMD’s bipolar Am29800 series (5µA max.)
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT841AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841ATD IDT-IDT74FCT841ATD Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841ATDB IDT-IDT74FCT841ATDB Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841ATE IDT-IDT74FCT841ATE Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841ATEB IDT-IDT74FCT841ATEB Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
More results


Similar Description - IDT74FCT841AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
Bus interface latches
1999 Jun 23
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
103Kb / 12P
Bus interface latches
2004 Jan 23
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com