Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3222CAP Datasheet (PDF) - Tiger Electronic Co.,Ltd

MAX3222CAP Datasheet PDF - Tiger Electronic Co.,Ltd
Part # MAX3222CAP
Download  MAX3222CAP Download
File Size   362.86 Kbytes
Page   16 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors

MAX3222CAP Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3222CAP Datasheet PDF - Tiger Electronic Co.,Ltd

Part # MAX3222CAP
Download  MAX3222CAP Click to download

File Size   362.86 Kbytes
Page   16 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors

MAX3222CAP Datasheet (HTML) - Tiger Electronic Co.,Ltd


MAX3222CAP Product details

Description

The MAX3222/MAX3232/MAX3237/MAX3241 trans ceivers have a proprietary low-dropouttransmitter out put stage enabling true RS-232 performance from a 3.0V to 5.5V supply with a dual charge pump.The devices require only four small 0.1µF external charge pump capacitors. The MAX3222, MAX3232, and MAX3241  are  guaranteed to  run at datarates of 120kbps while maintaining RS-232 output levels. The MAX3237 is guaranteed to run at data rates of 250kbps in the normal operating mode and1Mbps in  the MegaBaud™ operating mode, while maintaining RS-232 output levels.



Features

♦ Low Supply Current:

300µA (MAX3222/MAX3232/MAX3241)

500µA (MAX3237)

♦ Guaranteed Data Rate:

120kbps (MAX3222/MAX3232/MAX3241)

250kbps (MAX3237—Normal Operation)

1Mbps (MAX3237—MegaBaud Operation)

♦ 1µA Low-Power Shutdown with Receivers Active (MAX3222/MAX3237/MAX3241)

♦ Flow-Through Pinout (MAX3237)

♦ Meets EIA/TIA-232 Specifications Down to 3.0V

♦ Guaranteed Mouse Driveability (MAX3241)

♦ Pin Compatible with Industry-Standard MAX232(MAX3232)

  Pin Compatible with Industry-Standard MAX242(MAX3222)

♦ Guaranteed Slew Rate:

6V/µs (MAX3222/MAX3232/MAX3237/MAX3241)

24V/µs (MAX3237—MegaBaud Operation)



Applications

Notebook,Subnotebook, and Palmtop Computers

High-Speed Modems

Battery-Powered Equipment

Hand-HeldEquipment

Peripherals

Printers




Similar Part No. - MAX3222CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222CAP MAXIM-MAX3222CAP Datasheet
268Kb / 16P
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
MAX3222CAP MAXIM-MAX3222CAP Datasheet
464Kb / 17P
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
ARTSCHIP ELECTRONICS CO...
MAX3222CAP ARTSCHIP-MAX3222CAP Datasheet
1Mb / 15P
Transceivers Transmitter
logo
Maxim Integrated Produc...
MAX3222CAP+ MAXIM-MAX3222CAP+ Datasheet
1Mb / 17P
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
More results


Similar Description - MAX3222CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222 Datasheet
268Kb / 16P
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3232CUE-T MAXIM-MAX3232CUE-T Datasheet
1Mb / 17P
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_14 Datasheet
464Kb / 17P
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com