Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2N130CD Datasheet (PDF) - National Instruments Corporation

D2N130CD Datasheet PDF - National Instruments Corporation
Part # D2N130CD
Download  D2N130CD Download
File Size   188.22 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 120/240V 30A

D2N130CD Datasheet (PDF)

Go To PDF Page Download Datasheet
D2N130CD Datasheet PDF - National Instruments Corporation

Part # D2N130CD
Download  D2N130CD Click to download

File Size   188.22 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 120/240V 30A

D2N130CD Datasheet (HTML) - National Instruments Corporation




Similar Part No. - D2N130CD

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
More results


Similar Description - D2N130CD

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2W130CD NIEC-D2W130CD Datasheet
165Kb / 3P
SSR - 120/240V 30A (RMS)
logo
National Instruments Co...
D2W130CD NI-D2W130CD Datasheet
183Kb / 3P
120/240V 30A
logo
Schneider Electric
HOM230 SCHNEIDER-HOM230 Datasheet
108Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 21, 2019
HOM230C SCHNEIDER-HOM230C Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
HOM230CP SCHNEIDER-HOM230CP Datasheet
159Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
HOM2305219 SCHNEIDER-HOM2305219 Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
QOU130 SCHNEIDER-QOU130 Datasheet
92Kb / 2P
QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 10kA
QOU130VH SCHNEIDER-QOU130VH Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 22kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
QOUR230 SCHNEIDER-QOUR230 Datasheet
107Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
Feb 21, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com