Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EI82C684 Datasheet (PDF) - IMP, Inc

EI82C684 Datasheet PDF - IMP, Inc
Part # EI82C684
Download  EI82C684 Download
File Size   36.01 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description QUAD UART

EI82C684 Datasheet (PDF)

Go To PDF Page Download Datasheet
EI82C684 Datasheet PDF - IMP, Inc

Part # EI82C684
Download  EI82C684 Click to download

File Size   36.01 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description QUAD UART

EI82C684 Datasheet (HTML) - IMP, Inc


EI82C684 Product details

DESCRIPTION
The Epic Ei68C684/Ei88C684 Quad Universal Asynchronous Receiver and Transmitter (QUART) is a data communication device that provides four fully independent full duplex asynchronous communication channels in a single package. The QUART is designed for use in microprocessor based systems and may be used in a polled or interrupt driven environment.

FEATURES
• Full duplex, four channel asynchronous  receiver and transmitter
• Quadruple-buffered receiver and transmitter
• Internal bit rate generator with 23 industry  standard bit rates operating from either of  two standard crystal clocks
• Independent bit rate selection for each  receiver and transmitter
• Maximum bit rate: 1 x clock - 2 Mb/sec., 16  x clock- 250 Kb/sec.
• Normal, auto-echo, local loop-back and  remote loop-back modes
• Multi-function 16-bit counter/timer
• Programmable interrupt daisy chain
• Up to 32 I/O pins (depending on package  and version)
• Change of state detectors on inputs
• Multidrop mode compatible with 8051 ninebit mode
• Stop bits programmable in 1/16-bit increments
• Pin selectable 88xxx/68xxx interface
• Debounced reset pin (20 nsec. min)
• On-chip oscillator for crystal
• Programmable internal clock:X1/CLK or X1/CLK divided by 2
• Buffered system clock output pin
• Stand-by mode to reduce operating power
• Advanced CMOS low power technology




Similar Part No. - EI82C684

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EI8040NPOP ETC2-EI8040NPOP Datasheet
75Kb / 2P
Proximity Sensors Inductive ABS Housing
logo
Eichhoff Electronics,In...
EI84X1A EICHHOFF-EI84X1A Datasheet
108Kb / 1P
SAFETY TRANSFORMERS
logo
IMP, Inc
EI88C681 IMP-EI88C681 Datasheet
37Kb / 2P
DUAL UART
logo
A1 PROs co., Ltd.
EI88C681 A1PROS-EI88C681 Datasheet
44Kb / 2P
DUAL UART
logo
IMP, Inc
EI8LC05 IMP-EI8LC05 Datasheet
147Kb / 2P
Low Capacitance, Bidirectional, Monolithic TVS Diode Network
More results


Similar Description - EI82C684

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI16C554 IMP-EI16C554 Datasheet
29Kb / 1P
QUAD UART
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
5V PCI BUS QUAD UART
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
5V PCI BUS QUAD UART
logo
KODENSHI_AUK CORP.
KK16C554PL KODENSHI-KK16C554PL Datasheet
503Kb / 21P
QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
A1 PROs co., Ltd.
EI16C554 A1PROS-EI16C554 Datasheet
35Kb / 1P
QUAD UART
logo
PLX Technology
OX16C954B PLX-OX16C954B Datasheet
192Kb / 2P
High Performance Quad UART
logo
Exar Corporation
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
CMOS Quad Channel UART(QUART)
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
QUAD UART WITH 64-BYTE FIFO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com