Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIMD05C8 Datasheet (PDF) - IMP, Inc

EIMD05C8 Datasheet PDF - IMP, Inc
Part # EIMD05C8
Download  EIMD05C8 Download
File Size   232.82 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Compact, Bidirectional, Eight Line Monolithic TVS Diode Network

EIMD05C8 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIMD05C8 Datasheet PDF - IMP, Inc

Part # EIMD05C8
Download  EIMD05C8 Click to download

File Size   232.82 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Compact, Bidirectional, Eight Line Monolithic TVS Diode Network

EIMD05C8 Datasheet (HTML) - IMP, Inc


EIMD05C8 Product details

DESCRIPTION
The EiMDXXC8 series of monolithic transient voltage suppressors are designed for applications where voltage transients, caused by electrostatic discharge (ESD) and other induced voltage surges, can permanently damage voltage sensitive components. These monolithic TVS diodes are characterized by their high surge capability, extremely fast response time and low on-resistance.

FEATURES
• Protects eight I/O lines
• Monolithic IC for higher reliability at lower cost
• Manufactured using Proprietary technology
• Transient protection for data lines to
    IEC 1000-4-2 (ESD) 15kV (air), 8kV (contact)
    IEC 1000-4-4 (EFT) 40A (tp = 5/50ns)
    IEC 1000-4-5 (Lightning) 12A (tp = 8/20µs)
• Available in SOIC-14 Package (Surface Mount)
• Operating Voltages: 5V, 12V, 15V, 24V
• Low leakage current, Low operating and clamping voltages

APPLICATIONS
• RS-232 & RS-422 Data Lines
• Microprocessor Based Equipment
• LAN/WAN Equipment
• Set-Top Box
• Notebooks, Desktops, & Servers
• Portable Instrumentation
• Peripherals




Similar Part No. - EIMD05C8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM0618-0.5 EXCELICS-EIM0618-0.5 Datasheet
91Kb / 2P
6.0 - 18.0 GHz -Watt Power Module
EIM0618-1 EXCELICS-EIM0618-1 Datasheet
103Kb / 3P
6.0 - 18.0 GHz 1-Watt Power Module
EIM0618-1.5 EXCELICS-EIM0618-1.5 Datasheet
92Kb / 2P
6.0 - 18.0 GHz 1.5-Watt Power Module
EIM0618-3 EXCELICS-EIM0618-3 Datasheet
93Kb / 2P
6.0-18.0 GHz 3-Watt Power Module
EIM0910-4 EXCELICS-EIM0910-4 Datasheet
147Kb / 3P
9.5-10.5GHz Multi-Stage Power Amplifier
More results


Similar Description - EIMD05C8

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI16LC05 IMP-EI16LC05 Datasheet
62Kb / 2P
Low Capacitance, Bidirectional, Eight Line Monolithic TVS Diode Network
EI8LC05 IMP-EI8LC05 Datasheet
147Kb / 2P
Low Capacitance, Bidirectional, Monolithic TVS Diode Network
logo
Alpha & Omega Semicondu...
AOZ8208 AOSMD-AOZ8208 Datasheet
385Kb / 8P
Eight-line TVS Diode Array
AOZ8251 AOSMD-AOZ8251 Datasheet
256Kb / 6P
One-line Bidirectional TVS Diode
logo
Union Semiconductor, In...
UM5060 UNIONSEMI-UM5060 Datasheet
270Kb / 6P
Bidirectional Single Line TVS Protection Diode
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Union Semiconductor, In...
UM5060 UNIONSEMI-UM5060_16 Datasheet
194Kb / 6P
Bidirectional Single Line TVS Protection Diode
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com