Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1233D Datasheet (PDF) - IMP, Inc

IMP1233D Datasheet PDF - IMP, Inc
Part # IMP1233D
Download  IMP1233D Download
File Size   119.03 Kbytes
Page   6 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Low Power, 5V, 關P Reset

IMP1233D Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP1233D Datasheet PDF - IMP, Inc

Part # IMP1233D
Download  IMP1233D Click to download

File Size   119.03 Kbytes
Page   6 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Low Power, 5V, 關P Reset

IMP1233D Datasheet (HTML) - IMP, Inc


IMP1233D Product details

The IMP1233D supply voltage monitor is an improved, low-power replacement for the Dallas Semiconductor DS1233D. Maximum supply current over temperature is a low 20µA, representing over 60 percent lower power as compared to the DS1233D.
   
Key Features
◆ Improved Dallas DS1233D replacement
    — Over 60% lower maximum supply current
◆ Low Supply Current
    — 20µA maximum (5.5V)
    — 15µA maximum (3.6V)
◆ Automatically restarts a microprocessor after
    power failure
◆ 350ms reset delay after VCC returns to an
    in-tolerance condition
◆ Active LOW power-up reset, 5kΩ internal pull-up
◆ Precision temperature-compensated voltage
    reference and comparator
◆ Eliminates external components
◆ Motorola 68xxx and HC16 compatible
◆ Compact surface mount SOT-223 package
◆ Operating temperature –40°C to +85°C
   
Applications
◆ Set-top boxes
◆ Cellular phones
◆ PDAs
◆ Energy management systems
◆ Embedded control systems
◆ Printers
◆ Single board computers
   




Similar Part No. - IMP1233D

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1233D IMP-IMP1233D Datasheet
110Kb / 6P
Low Power 5V/3.0V P Reset
logo
A1 PROs co., Ltd.
IMP1233D A1PROS-IMP1233D Datasheet
1Mb / 36P
Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
06/15/99
More results


Similar Description - IMP1233D

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1233M IMP-IMP1233M Datasheet
110Kb / 6P
Low Power 5V/3.0V P Reset
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6803 MAXIM-MAX6803 Datasheet
155Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 1; 2/01
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
3-Pin, Low-Power 關P Reset Circuits
2016
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com