Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450NX Datasheet (PDF) - Intel Corporation

450NX Datasheet PDF - Intel Corporation
Part # 450NX
Download  450NX Download
File Size   2154.59 Kbytes
Page   248 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel 450NX PCIset

450NX Datasheet (PDF)

Go To PDF Page Download Datasheet
450NX Datasheet PDF - Intel Corporation

Part # 450NX
Download  450NX Click to download

File Size   2154.59 Kbytes
Page   248 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel 450NX PCIset

450NX Datasheet (HTML) - Intel Corporation


450NX Product details

Overview
The Intel® 450NX PCIset provides an integrated Host-to-PCI bridge and memory controller optimized for multiprocessor systems and standard high-volume (SHV) servers based on the Pentium® II Xeon™ processor variant of the P6 family. The Intel 450NX PCIset consists of four components: 82454NX PCI Expander Bridge (PXB), 82451NX Memory and I/O Bridge Controller (MIOC), 82452NX RAS/CAS Generator (RCG), and 82453NX Data Path Multiplexor (MUX). Figure 1-1 illustrates a typical SHV server system based on the Intel 450NX PCIset. The system bus interface supports up to 4 Pentium II Xeon processors at 100 MHz. An additional bus mastering agent such as a cluster bridge can be supported at reduced frequencies. Two dedicated PCI Expander Bridges (PXBs) can be connected via the Expander Bus. Each PXB provides two independent 32-bit, 33 MHz PCI buses, with an option to link the two buses into a single 64-bit, 33 MHz bus. The Intel 450NX PCIset memory subsystem supports one or two memory cards. Each card is comprised of an RCG, a DRAM array, and two MUXs. The MIOC issues requests to the RCG components on each card to generate RAS#, CAS#, and WE# outputs to the DRAMs. The MUX components provide the datapath for the DRAM arrays. Up to 8 GB of memory in various configurations are supported.

Other capabilities of the Intel 450NX PCIset include:
• Full Pentium® II Xeon™ processor bus interface (36-bit address, 64-bit data) at 100 MHz.
• Support for two dedicated PCI expander bridges (PXBs) attached behind the system bus so as not to add additional electrical load to the system bus.
• Support for both internal and external system bus and I/O bus arbitration.

Supporting Devices
The Intel 450NX PCIset is designed to support the PIIX4E south bridge. The PIIX4E is a highly integrated mulit-functional component that supports the following capabilities:
• PCI Rev 2.1-compliant PCI-to-ISA Bridge with support for 33-MHz PCI operations
• Enhanced DMA controller
• 8259 Compatible Programmable Interrupt Controller
• System Timer functions
• Integrated IDE controller with Ultra DMA/33 support




Similar Part No. - 450NX

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
450N SEALEVEL-450N Datasheet
639Kb / 2P
16 Form C Relay Output SeaI/O Expansion Module
More results


Similar Description - 450NX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82439HX INTEL-82439HX Datasheet
3Mb / 65P
INTEL 430HX PCISET 82439HX SYSTEM CONTROLLER (TXC)
I82371MX INTEL-I82371MX Datasheet
1Mb / 133P
INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
82443MX INTEL-82443MX Datasheet
826Kb / 173P
PCIset
319535-003US INTEL-319535-003US Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
Intel Pentium 4 Processor and Intel Celeron Processor
logo
AAEON Technology
EMB-QM87A AAEON-EMB-QM87A Datasheet
385Kb / 2P
onboard intel
BOXER-6357VS AAEON-BOXER-6357VS Datasheet
372Kb / 2P
onboard intel
logo
Intel Corporation
NUC6CAYH INTEL-NUC6CAYH Datasheet
2Mb / 4P
Intel NUC Kit
NUC8I7HNK INTEL-NUC8I7HNK Datasheet
2Mb / 63P
Intel NUC KIT
NUC8I7HVK INTEL-NUC8I7HVK Datasheet
2Mb / 63P
Intel NUC Kit
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com