Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HA Datasheet (PDF) - Intel Corporation

80960HA Datasheet PDF - Intel Corporation
Part # 80960HA
Download  80960HA Download
File Size   828.94 Kbytes
Page   102 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor

80960HA Datasheet (PDF)

Go To PDF Page Download Datasheet
80960HA Datasheet PDF - Intel Corporation

Part # 80960HA
Download  80960HA Click to download

File Size   828.94 Kbytes
Page   102 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor

80960HA Datasheet (HTML) - Intel Corporation


80960HA Product details

Intel’s 80960Hx Processor

Intel’s 80960Hx processor provides new performance levels while maintaining backward compatibility (pin1 and software) with the i960 CA/CF processor. This newest member of the family of i960 32-bit, RISC-style, embedded processors allows customers to create scalable designs that meet multiple price and performance points. This is accomplished by providing processors that can run at the bus speed or faster using Intel’s clock multiplying technology (Table 1).The 80960Hx core is capable of issuing 150 million instructions per second, using a sophisticated instruction scheduler that allows the processor to sustain a throughput of two instructions every core clock, with a peak performance of three instructions per clock. The 80960Hx-series comprises three processors, which differ in the ratio of core clock speed to external bus speed.



Product Features

■ 32-Bit Parallel Architecture

   —Load/Store Architecture

   —Sixteen 32-Bit Global Registers

   —Sixteen 32-Bit Local Registers

   —1.28 Gbyte Internal Bandwidth (80 MHz)

   —On-Chip Register Cache

■ Processor Core Clock

   —80960HA is 1x Bus Clock

   —80960HD is 2x Bus Clock

   —80960HT is 3x Bus Clock

■ Binary Compatible with Other 80960 Processors

■ Issue Up To 150 Million Instructions per Second

■ High-Performance On-Chip Storage

   —16 Kbyte Four-Way Set-Associative Instruction Cache

   —8 Kbyte Four-Way Set-Associative Data Cache

   —2 Kbyte General Purpose RAM

   —Separate 128-Bit Internal Paths For Instructions/Data

■ 3.3 V Supply Voltage

   —5 V Tolerant Inputs

   —TTL Compatible Outputs

■ Guarded Memory Unit

   —Provides Memory Protection

   —User/Supervisor Read/Write/Execute

■ 32-Bit Demultiplexed Burst Bus

   —Per-Byte Parity Generation/Checking

   —Address Pipelining Option

   —Fully Programmable Wait State Generator

   —Supports 8-, 16- or 32-Bit Bus Widths

   —160 Mbyte/s External Bandwidth (40 MHz)

■ High-Speed Interrupt Controller

   —Up to 240 External Interrupts

   —31 Fully Programmable Priorities

   —Separate, Non-maskable Interrupt Pin

■ Dual On-Chip 32-Bit Timers

   —Auto Reload Capability and One-Shot

   —CLKIN Prescaling, ÷1, 2, 4 or 8

   —JTAG Support - IEEE 1149.1 Compliant



 




Similar Part No. - 80960HA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960 INTEL-80960 Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Festo Corporation.
8096057 FESTO-8096057 Datasheet
70Kb / 1P
Axial kit
1/24/23
logo
Intel Corporation
80960CA-16 INTEL-80960CA-16 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-16 INTEL-80960CA-16 Datasheet
977Kb / 68P
80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
More results


Similar Description - 80960HA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
30-May-2008
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
28-Jul-2008
logo
Freescale Semiconductor...
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
Superscalar 32-Bit Microprocessors
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
High Performance 32-bit processor up to 48 MHz
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
High Performance 32-bit processor
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com