Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AWS-TP Datasheet (PDF) - Micro Commercial Components

SD103AWS-TP Datasheet PDF - Micro Commercial Components
Part # SD103AWS-TP
Download  SD103AWS-TP Download
File Size   188.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400mW Small Signal Schottky Diode 20 to 40 Volts

SD103AWS-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
SD103AWS-TP Datasheet PDF - Micro Commercial Components

Part # SD103AWS-TP
Download  SD103AWS-TP Click to download

File Size   188.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400mW Small Signal Schottky Diode 20 to 40 Volts

SD103AWS-TP Datasheet (HTML) - Micro Commercial Components


SD103AWS-TP Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Guard Ring Construction for Transient Protection
• Negligible Reverse recovery time
• Low Reverse Capacitance and Low Forward Voltage Drop
• Marking : SD103AWS: S4 ,SD103BWS: S5 , SD103CWS: S6
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - SD103AWS-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD103AWS-T1 WTE-SD103AWS-T1 Datasheet
41Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103AWS-T1 WTE-SD103AWS-T1 Datasheet
46Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103AWS-T1 WTE-SD103AWS-T1 Datasheet
94Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
SD103AWS-T3 WTE-SD103AWS-T3 Datasheet
41Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SD103AWS-TP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
logo
Micro Commercial Compon...
SD103AW MCC-SD103AW Datasheet
172Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
SD103CW-TP MCC-SD103CW-TP Datasheet
206Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW-TP MCC-SD103AW-TP Datasheet
206Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW MCC-SD103AW_17 Datasheet
209Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS_13 Datasheet
188Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com