Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1890 Datasheet (PDF) - NEC

UPA1890 Datasheet PDF - NEC
Part # UPA1890
Download  UPA1890 Download
File Size   95.97 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N- AND P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

UPA1890 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1890 Datasheet PDF - NEC

Part # UPA1890
Download  UPA1890 Click to download

File Size   95.97 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N- AND P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

UPA1890 Datasheet (HTML) - NEC


UPA1890 Product details

DESCRIPTION
The µPA1890 is a switching device which can be driven directly by a 4.0-V power source.
The µPA1890 features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• Can be driven by a 4.0-V power source
• Low on-state resistance
    N-Channel RDS(on)1 = 27 mΩ MAX. (VGS = 10 V, ID = 3.0 A)
                       RDS(on)2 = 37 mΩ MAX. (VGS = 4.5 V, ID = 3.0 A)
                       RDS(on)3 = 47 mΩ MAX. (VGS = 4.0 V, ID = 3.0 A)
    P-Channel RDS(on)1 = 37 mΩ MAX. (VGS = –10 V, ID = –2.5 A)
                      RDS(on)2 = 56 mΩ MAX. (VGS = –4.5 V, ID = –2.5 A)
                      RDS(on)3 = 64 mΩ MAX. (VGS = –4.0 V, ID = –2.5 A)
• Built-in G-S protection diode against ESD




Similar Part No. - UPA1890

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1890 RENESAS-UPA1890 Datasheet
234Kb / 14P
MOS FIELD EFFECT TRANSISTOR
2000
UPA1890GR-9JG RENESAS-UPA1890GR-9JG Datasheet
234Kb / 14P
MOS FIELD EFFECT TRANSISTOR
2000
More results


Similar Description - UPA1890

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA679TB NEC-UPA679TB Datasheet
141Kb / 10P
N/P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
2SJ624-T1B-A RENESAS-2SJ624-T1B-A Datasheet
211Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1890 RENESAS-PA1890_15 Datasheet
234Kb / 14P
N- AND P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA679TB RENESAS-PA679TB_15 Datasheet
278Kb / 12P
N/P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com