Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-37YY Datasheet (PDF) - Rohm

SLR-37YY Datasheet PDF - Rohm
Part # SLR-37YY
Download  SLR-37YY Download
File Size   303.62 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LED, reflecting, high brightness, 3.0 mm

SLR-37YY Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR-37YY Datasheet PDF - Rohm

Part # SLR-37YY
Download  SLR-37YY Click to download

File Size   303.62 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LED, reflecting, high brightness, 3.0 mm

SLR-37YY Datasheet (HTML) - Rohm




Similar Part No. - SLR-37YY

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-37YY ROHM-SLR-37YY Datasheet
306Kb / 8P
LED, reflecting, high brightness, 3.0mm
More results


Similar Description - SLR-37YY

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
High Brightness LED Lamp
logo
Microsemi Corporation
UPBLED470A MICROSEMI-UPBLED470A Datasheet
345Kb / 6P
HIGH BRIGHTNESS BLUE LED
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
logo
Vishay Siliconix
VLCS5130 VISHAY-VLCS5130 Datasheet
555Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
25-Apr-13
VLCS5230 VISHAY-VLCS5230 Datasheet
552Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
logo
Rohm
SLR-37 ROHM-SLR-37 Datasheet
306Kb / 8P
LED, reflecting, high brightness, 3.0mm
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com