Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82371SB Datasheet (PDF) - Intel Corporation

82371SB Datasheet PDF - Intel Corporation
Part # 82371SB
Download  82371SB Download
File Size   751.28 Kbytes
Page   122 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR

82371SB Datasheet (PDF)

Go To PDF Page Download Datasheet
82371SB Datasheet PDF - Intel Corporation

Part # 82371SB
Download  82371SB Click to download

File Size   751.28 Kbytes
Page   122 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR

82371SB Datasheet (HTML) - Intel Corporation


82371SB Product details

The 82371FB (PIIX) and 82371SB (PIIX3) PCI ISA IDE Xcelerators are multi-function PCI devices implementing a PCI-to-ISA bridge function and an PCI IDE function. In addition, the PIIX3 implements a Universal Serial Bus host/hub function. As a PCI-to-ISA bridge, the PIIX/PIIX3 integrates many common I/O functions found in ISA-based PC systems—a seven-channel DMA controller, two 82C59 interrupt controllers, an 8254 timer/counter, and power management support. In addition to compatible transfers, each DMA channel supports type F transfers. Chip select decoding is provided for BIOS, real time clock, and keyboard controller. Edge/Level interrupts and interrupt steering are supported for PCI plug and play compatibility. The PIIX/PIIX3 supports two IDE connectors for up to four IDE devices providing an interface for IDE hard disks and CD ROMs. The PIIX/PIIX3 provides motherboard plug and play compatibility. PIIX implements two steerable DMA channels (including type F transfers) and up to two steerable interrupt lines. PIIX3 implements one steerable interrupt line. The interrupt lines can be routed to any of the available ISA interrupts. Both PIIX/PIIX3 implement a programmable chip select.
PIIX3 contains a Universal Serial Bus (USB) Host Controller that is UHCI compatible. The Host Controller’s root hub has two programmable USB ports. PIIX3 also provides support for an external IOAPIC.
This document describes the PIIX3 Component. Unshaded areas describe the 82371FB PIIX. Shaded areas, like this one, describe the PIIX3 operations that differ from the 82371FB PIIX.

■ Bridge Between the PCI Bus and ISA Bus
■ PCI and ISA Master/Slave Interface
- PCI from 25–33 MHz
- ISA from 7.5–8.33 MHz
- 5 ISA Slots
■ Fast IDE Interface
- Supports PIO and Bus Master IDE
- Supports up to Mode 4 Timings
- Transfer Rates to 22 MB/Sec
- 8 x 32-Bit Buffer for Bus Master IDE PCI Burst Transfers
- Separate Master/Slave IDE Mode Support (PIIX3)
■ Plug-n-Play Port for Motherboard Devices
- 2 Steerable DMA Channels (PIIX Only)
- Fast DMA with 4-Byte Buffer (PIIX Only)
- 2 Steerable Interrupts Lines on the PIIX and 1 Steerable Interrupt Line on the PIIX3
- 1 Programmable Chip Select
■ Steerable PCI Interrupts for PCI Device Plug
■-Play
■ PCI Specification Revision 2.1 Compliant (PIIX3)
■ Functionality of One 82C54 Timer
- System Timer; Refresh Request; Speaker Tone Output
■ Two 82C59 Interrupt Controller Functions
- 14 Interrupts Supported
- Independently Programmable for Edge/Level Sensitivity
■ Enhanced DMA Functions
- Two 8237 DMA Controllers
- Fast Type F DMA
- Compatible DMA Transfers
- 7 Independently Programmable Channels
■ X-Bus Peripheral Support
- Chip Select Decode
- Controls Lower X-Bus Data Byte Transceiver
■ I/O Advanced Programmable Interrupt Controller (IOAPIC) Support (PIIX3)
■ Universal Serial Bus (USB) Host Controller (PIIX3)
- Compatible with Universal Host Controller Interface (UHCI)
- Contains Root Hub with 2 USB Ports
■ System Power Management (Intel SMM Support)
- Programmable System Management Interrupt (SMI)—Hardware Events, Software Events, EXTSMI#
- Programmable CPU Clock Control (STPCLK#)
- Fast On/Off Mode
■ Non-Maskable Interrupts (NMI)
- PCI System Error Reporting
■ NAND Tree for Board-Level ATE Testing
■ 208-Pin QFP




Similar Part No. - 82371SB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
PCI-TO-ISA / IDE XCELERATOR PIIX4
More results


Similar Description - 82371SB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
PCI-TO-ISA / IDE XCELERATOR PIIX4
logo
Motorola, Inc
PV1000 MOTOROLA-PV1000 Datasheet
303Kb / 3P
PCI/ISA Processor Module
logo
Intel Corporation
I82371MX INTEL-I82371MX Datasheet
1Mb / 133P
INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
PCI to IDE/ATA
logo
Advantech Co., Ltd.
PCA-6104-0C1 ADVANTECH-PCA-6104-0C1 Datasheet
174Kb / 1P
ISA/PCI Backplanes
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
PCI/ISA Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E Datasheet
138Kb / 1P
PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
PCI/ISA Backplanes
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
PCI TO ISA BRIDGE
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com