Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8259A Datasheet (PDF) - Intel Corporation

8259A Datasheet PDF - Intel Corporation
Part # 8259A
Download  8259A Download
File Size   325.44 Kbytes
Page   24 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PROGRAMMABLE INTERRUPT CONTROLLER

8259A Datasheet (PDF)

Go To PDF Page Download Datasheet
8259A Datasheet PDF - Intel Corporation

Part # 8259A
Download  8259A Click to download

File Size   325.44 Kbytes
Page   24 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PROGRAMMABLE INTERRUPT CONTROLLER

8259A Datasheet (HTML) - Intel Corporation


8259A Product details

GENERAL DESCRIPTION
The 8259A Programmable Interrupt Controller handles up to eight vectored priority interrupts for the CPU. It is cascadable for up to 64 vectored priority interrupts without additional circuitry. It is packaged in a 28-pin DIP, uses NMOS technology, and requires a single +5-V supply. Circuitry is static, requiring no clock input.




Similar Part No. - 8259A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8259 ETC2-8259 Datasheet
102Kb / 3P
RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
logo
Belden Inc.
8259 BELDEN-8259 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
8259-010100 BELDEN-8259-010100 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
8259-0101000 BELDEN-8259-0101000 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
8259-010500 BELDEN-8259-010500 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
More results


Similar Description - 8259A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
PROGRAMMABLE INTERRUPT CONTROLLER
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
82093AA INTEL-82093AA Datasheet
178Kb / 20P
I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
Programmable Interrupt Controller (PIC)
March 1997
logo
Altera Corporation
A8259 ALTERA-A8259 Datasheet
220Kb / 24P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
Programmable Interrupt Controller
logo
ATMEL Corporation
XMEGAA ATMEL-XMEGAA_09 Datasheet
5Mb / 445P
Interrupts and Programmable Multi-level Interrupt Controller
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com