Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP7C51BH Datasheet (PDF) - Intel Corporation

BP7C51BH Datasheet PDF - Intel Corporation
Part # BP7C51BH
Download  BP7C51BH Download
File Size   229.47 Kbytes
Page   16 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

BP7C51BH Datasheet (PDF)

Go To PDF Page Download Datasheet
BP7C51BH Datasheet PDF - Intel Corporation

Part # BP7C51BH
Download  BP7C51BH Click to download

File Size   229.47 Kbytes
Page   16 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

BP7C51BH Datasheet (HTML) - Intel Corporation


BP7C51BH Product details

MEMORY ORGANIZATION

PROGRAM MEMORY: Up to 4 Kbytes of the program memory can reside on-chip (except 80C31BH). In addition the device can address up to 64K of program memory external to the chip.
DATA MEMORY: This microcontroller has a 128 x 8 on-chip RAM. In addition it can address up to 64 Kbytes of external data memory.
The Intel 87C51/80C51BH/80C31BH is a single-chip control-oriented microcontroller which is fabricated on Intel’s reliable CHMOS III-E technology. Being a member of the MCSÉ 51 controller family, the 87C51/80C51BH/80C31BH uses the same powerful instruction set, has the same architecture, and is pin-forpin compatible with the existing MCS 51 controller family of products.

■ High Performance CHMOS EPROM
■ 24 MHz Operation
■ Improved Quick-Pulse Programming Algorithm
■ 3-Level Program Memory Lock
■ Boolean Processor
■ 128-Byte Data RAM
■ 32 Programmable I/O Lines
■ Two 16-Bit Timer/Counters
■ Extended Temperature Range (b40§C to a85§C)
■ 5 Interrupt Sources
■ Programmable Serial Port
■ TTL- and CMOS-Compatible Logic Levels
■ 64K External Program Memory Space
■ 64K External Data Memory Space
■ ONCE Mode Facilitates System Testing
■ Power Control Modes
   — Idle
   — Power Down




Similar Part No. - BP7C51BH

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP7-12 BB-BATTERY-BP7-12 Datasheet
209Kb / 1P
VRLA Rechargeable Battery
BP7-12-T1 BB-BATTERY-BP7-12-T1 Datasheet
168Kb / 1P
VRLA Rechargeable Battery
BP7-12-T2 BB-BATTERY-BP7-12-T2 Datasheet
168Kb / 1P
VRLA Rechargeable Battery
BP7-12FR BB-BATTERY-BP7-12FR Datasheet
209Kb / 1P
VRLA Rechargeable Battery
BP7-12RT BB-BATTERY-BP7-12RT Datasheet
265Kb / 1P
VRLA Rechargeable Battery
More results


Similar Description - BP7C51BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C51 INTEL-87C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com