Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196LA Datasheet (PDF) - Intel Corporation

87C196LA Datasheet PDF - Intel Corporation
Part # 87C196LA
Download  87C196LA Download
File Size   309.0 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS 16-BIT MICROCONTROLLER

87C196LA Datasheet (PDF)

Go To PDF Page Download Datasheet
87C196LA Datasheet PDF - Intel Corporation

Part # 87C196LA
Download  87C196LA Click to download

File Size   309.0 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS 16-BIT MICROCONTROLLER

87C196LA Datasheet (HTML) - Intel Corporation


87C196LA Product details

CHMOS 16-BIT MICROCONTROLLER



The 87C196LA is a high-performance 16-bit microcontroller. The 87C196LA is composed of a high-speed

core with the following peripherals: an asynchronous/synchronous serial I/O port (8096 compatible) with a

dedicated 16-bit baud-rate generator; an additional synchronous serial I/O port with full duplexaster/slave

transceivers; a six-channel A/D converter with sample and hold; a flexible timer/counter structure with

prescaler, cascading, and quadrature capabilities; six modularized, multiplexed high-speed I/O for capture

and compare (called event processor array) with 200 ns resolution and double buffered inputs; and a sophis

ticated, prioritized interrupt structure with programmable peripheral transaction server (PTS).



■20 MHz operation

■24 Kbytes of on-chip OTPROM

■768 bytes of on-chip register RAM

■Register-to-register architecture

■Peripheral transaction server (PTS) with high-speed, microcoded interrupt service routines

■Six-channel/10-bit A/D with sample and hold

■High-speed event processor array

— Six capture/compare channels

— Two compare-only channels

— Two 16-bit software timers

†16 MHz standard; 20 MHz is speed premium

■Full-duplex serial I/O port with dedicated baud-rate generator

■Enhanced full-duplex, synchronous serial I/O port (SSIO)

■Programmable 8- or 16-bit external bus

■Optional clock doubler with programmable clock output signal

■SFR register that indicates the source of the last reset

■Design enhancements for EMI reduction

■Oscillator failure detection circuitry

■Watchdog timer (WDT)

■–40° C to +125° C ambient temperature

■52-pin PLCC package



 




Similar Part No. - 87C196LA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
More results


Similar Description - 87C196LA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com