Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFJ-150 Datasheet (PDF) - Cooper Bussmann, Inc.

DFJ-150 Datasheet PDF - Cooper Bussmann, Inc.
Part # DFJ-150
Download  DFJ-150 Download
File Size   1134.54 Kbytes
Page   4 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse

DFJ-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFJ-150 Datasheet PDF - Cooper Bussmann, Inc.

Part # DFJ-150
Download  DFJ-150 Click to download

File Size   1134.54 Kbytes
Page   4 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse

DFJ-150 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - DFJ-150

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-150 COOPER-DFJ-150 Datasheet
551Kb / 4P
DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ-150 EATON-DFJ-150 Datasheet
1Mb / 4P
DFJ Class J high speed fuses
More results


Similar Description - DFJ-150

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFJ-PC020-S931080D DDK-DFJ-PC020-S931080D Datasheet
273Kb / 4P
DFJ-PC020-S931080D
logo
Cooper Bussmann, Inc.
KTS-R-6 COOPER-KTS-R-6 Datasheet
217Kb / 3P
KTS-R-600Vac, 1-600A, Fast-Acting Fuses
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
KRP-CL 600Vac, 225-600A, time-delay fuses
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
JKS ??600Vac, 70-600A, Fast-Acting Fuses
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
DFJ Class J high speed fuses
logo
List of Unclassifed Man...
KRP-CL-225 ETC1-KRP-CL-225 Datasheet
500Kb / 2P
KRP-CL 600Vac, 225-600A, time-delay fuses
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
DFJ Class J high speed fuses
logo
Schneider Electric
QMB366W SCHNEIDER-QMB366W Datasheet
87Kb / 2P
600A 15 Inch 3P 600VAC Fusible Switch
Apr 6, 2020
logo
Littelfuse
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
L70S SERIES HIGH-SPEED FUSE
Rev: 021815
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com