Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM Datasheet (PDF) - Tiger Electronic Co.,Ltd

COM Datasheet PDF - Tiger Electronic Co.,Ltd
Part # COM
Download  COM Download
File Size   671.41 Kbytes
Page   7 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description SEVEN DARLINGTON ARRAYS

COM Datasheet (PDF)

Go To PDF Page Download Datasheet
COM Datasheet PDF - Tiger Electronic Co.,Ltd

Part # COM
Download  COM Click to download

File Size   671.41 Kbytes
Page   7 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description SEVEN DARLINGTON ARRAYS

COM Datasheet (HTML) - Tiger Electronic Co.,Ltd


COM Product details

Overview
ULN2003AN/ADR is a high voltage, high current Darlington tube array drive circuit, which contains seven groups of NPN Darlington tubes. The emitters of each group of Darlington tubes are connected together, and the open collector outputs. Mainly used in driving relays, electric hammers, Lighting equipment and LED display systems. Its characteristics are as follows:

● The maximum sink current of a single channel can reach 500mA
● Continuous output high voltage can be up to 50V
● Under 5V working conditions, the output can be directly connected by TTL and CMOS
● Integrated clamping diode at output
● Package: DIP16 / SOP16




Similar Part No. - COM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
COM CABLE AXIOMTEK-COM CABLE Datasheet
623Kb / 3P
1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)
Jul. 08, 2025.
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
More results


Similar Description - COM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
SEVEN DARLINGTON ARRAYS
Sep-1998
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
SEVEN DARLINGTON ARRAYS
Dec-1997
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN_19 Datasheet
686Kb / 8P
SEVEN DARLINGTON ARRAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com